Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AD009 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD009-041
Page 4 of 14
Version 1.0
Output Sink Current
IOL2
VDD=3V , VOL=0.3V
REM PIN
-
210
-
mA
Input Resistor
Rup
Pull up 150K ohm
-
150
-
K ohm
LVR
VLVR
1.5
V
AC CHARACTERISTICS ( TA = 25℃, VDD = 3V, unless otherwise noted )
LIMIT
PARAMETER
SYMBOL
TEST CONDITIONS
Min
Typ
Max
UNIT
Internal
HRCOSC
Frequency
FOSC2
VDD=1.8V~3.6V
Temp.= -20 ºC ~70 ºC
7.84
8±2%
8.16
MHz
MCU
Operation
frequency
FMCK
VDD=1.8V~3.6V
Use HRCOSC
2
MHz
MCU
Operation
voltage
VOP
1.8
3.0
3.6
V
Internal
LRCOSC
Frequency
FLOSC
VDD=3V
13KHz±50%
KHz
Stable clock delay
after power on or
system reset
CKstable1
( Note 1 )
-
320us +
1024 x (1/ FMCK)
( Note 2 )
us
Stable clock delay
after wake up
CKstable2
System oscillator --HRCOSC
( Note 3 )
-
64 x (1/ FMCK)
( Note 2 )
us
Note1: The stable clock delay ( CKstable 1 ) is place after first clock output of HRCOSC before user’s first
instruction, it means the user’s program will get more stable clock after power on reset.
Note2: FMCK = MCU operating clock
Note3: The stable clock delay ( CKstable 2 ) is place after first clock output of HRCOSC before user’s first
instruction, it means the user’s program will get more stable clock after wake up.
5. FUNCTIONAL DESCRIPTION
5.1 Pro g r am R O M (PR O M)
AD009-041 support two kind of OTP ROM arrangement. The OTP ROM memory plan is shown below:
Address
AD009-041
( 2 K OTP ROM )
000h ~ 0FFh
100h ~ 1FFh
200h ~ 2FFh
…….
500h ~ 5FFh
600h ~ 7DFh
User area 2K
( 2016 X12 )
7E0h ~ 7FFh
Reserved area
Note: 1. The content of OTP ROM address $000h~$7DFh can be read by program. Address
$7E0h~$7FFh can’t be read by program.
2. To read registers DMDL, DMDM and DMDH, only LD A,(n) instruction can be used. Other
instructions are not allowed. ( n= DMDL, DMDM or DMDH )
AD009-041 supports 2 K words OTP ROM which is located on $000h ~ $7DFh, it’s used to stores user
program. The reserved area is $7E0h ~ $7FFh, they can’t be read by program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com