Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD009 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AD009-041
Page 5 of 14
Version 1.0
To read OTP ROM valid data, use DMA2~DMA0 registers as address pointer. After these registers
(DMA0~2) are specified by software, the 12bits data of ROM can be moved to A register by three
instructions, they are “LD A, (DMDL)”, “LD A, (DMDM)” and “LD A, (DMDH)”. The three instructions
mentioned above are two cycle instruction, all others instructions are single cycle instruction.
Symbol
Addr
R/W
Reset
D3
D2
D1
D0
Description
DMA0
18H
R/W
xxxx
DMA0.3
DMA0.2
DMA0.1
DMA0.0
DMA1
19H
R/W
xxxx
DMA1.3
DMA1.2
DMA1.1
DMA1.0
DMA2
1AH
R/W
xxxx
DMA2.3
DMA2.2
DMA2.1
DMA2.0
DMA0~DMA2 three registers built a 11 bit
addressing space (DMA2.3 not including)
for read PROM data, DMA0 is lowest
nibble address, DMA2 is highest nibble
address.
DMA2.3: It’s a register only, but for PROM
address setting is useless.
DMDL
1CH
R
xxxx
DMDL.3
DMDL.2
DMDL.1
DMDL.0 DMDL is used to read low nibble data of
PROM by address DMA0~ DMA2.
DMDM
1DH
R/W
xxxx
DMDM.3 DMDM.2 DMDM.1 DMDM.0 DMDM is used to read middle nibble data
of PROM by address DMA0 ~ DMA2.
Writing this register with data 05h will
clear watch dog timer (WDT)
DMDH
1EH
R
xxxx
DMDH.3 DMDH.2 DMDH.1 DMDH.0 DMDH is used to read the high nibble data
PROM by address DMA0~DMA2
For example, assume the data of address 156H is 587H.
LD A, #1
LD (DMA2), A
LD A, #5
LD (DMA1), A
LD A, #6
LD (DMA0), A
; ROM address = 156H
LD A, (DMDL)
; A register = 7H ; low nibble data of ROM address 156H
LD A, (DMDM) ; A register = 8H; middle nibble data of ROM address 156H
LD A, (DMDH) ; A register = 5H; high nibble data of ROM address 156H
5.2 SRA M and I/O Me mo r y Map
AD009-041 series provided 32 nibbles SRAM on the locations $20H~$3FH, these address of SRAM is
different from PROM’s address.
Direct Addressing (use MAH )
Real SRAM Address
SRAM MAP
MAH=XH
( MAH no effect )
00H~1FH
Common I/O port and SFR(special function
register) register
MAH=0H
20H~3FH
00H~1FH
USER SRAM (32x4)
5.2.1 I/O Memory Map
The I/O memory map consists of common I/O and extended I/O. These I/O provide some data operation
instructions as the following:
5. 2. 2 Com m o n I/O
The previously described common block is defined as the common I/O block. A common I/O provided
LD/ADC/SBC/OR/AND/XOR/INC/DEC/RLC/RRC/CMP/ADR operation. SET, CLR ( bit set/clear ) can only be
operated on the address range from 00H to 0FH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com