Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AD009-041
Page 7 of 14
Version 1.0
DMA1
19H
R/W
xxxx
DMA1.3
DMA1.2
DMA1.1
DMA1.0
DMA2
1AH
R/W
xxxx
DMA2.3
DMA2.2
DMA2.1
DMA2.0
bits addressing space (DMA2.3 not
including) for read PROM data, DMA0 is
lowest nibble address, DMA2 is highest
nibble address.
DMA2.3: It’s a register only, but for PROM
address setting is useless.
Reserved
1BH
x
xxxx
X
X
X
X
Reserved
DMDL
1CH
R
xxxx
DMDL.3
DMDL.2
DMDL.1
DMDL.0 DMDL is used to read low nibble data of
PROM by address DMA0~ DMA2.
DMDM
1DH
R/W
xxxx
DMDM.3 DMDM.2 DMDM.1 DMDM.0 DMDM is used to read middle nibble data
of PROM by address DMA0 ~ DMA2.
Writing this register with data 05h will
clear watch dog timer (WDT)
DMDH
1EH
R
xxxx
DMDH.3 DMDH.2 DMDH.1 DMDH.0 DMDH is used to read the high nibble data
PROM by address DMA0~DMA2
Reserved
1FH
R/W
xxxx
X
X
X
X
Reserved
SRAM
32 nibbles
20H~
3FH
R/W
xxxx
SRAM.3
SRAM.2 SRAM.1 SRAM.0
5.2 . 3 Extended I/O
To extend I/O memory space, AD009-041 series provided one special instructions, “LD EXIO(n), A”, where
n = 00H ~ 0FH” to obtain the 16 extra I/O registers. These registers are used for the I/O port pull up
resistors control and wake up control, they can be accessed by two “LD” data transfer instruction only.
For example, the pull up resistor of port A is enabled, the program as shown below.
LD A, #FH
LD EXIO(00H), A
U: unchanged X: unknown value
R/W: readable & writeable R: readable only W: writeable only
Symbol
Addr
R/W
Reset
D3
D2
D1
D0
Description
PAPU
00H
W
0000
PAPU.3
PAPU.2
PAPU.1
PAPU.0
Port A pull up 150K ohm resistor
0: Port A pull up resistor disabled
1: Port A pull up resistor enabled
Reserved
01H
X
xxxx
X
X
X
X
Reserved
PBPU
02H
W
0000
PBPU.3
PBPU.2
PBPU.1
PBPU.0
Port B pull up 150K ohm resistor
0: Port B pull up resistor disabled
1: Port B pull up resistor enabled
Reserved
03H
X
xxxx
X
X
X
X
Reserved
PDPU
04H
W
0000
X
PDPU.2
PDPU.1
PDPU.0
Port D pull up 150K ohm resistor
0: Port D pull up resistor disabled
1: Port D pull up resistor enabled
Reserved
05H
X
xxxx
X
X
X
X
Reserved
PAWK
06H
W
0000
PAWK.3 PAWK.2 PAWK.1 PAWK.0 Port A wake up enable control
0: Port A wake up disabled
1: Port A wake up enabled
PBWK
07H
W
0000
PBWK.3 PBWK.2 PBWK.1 PBWK.0 Port B wake up enable control
0: Port B wake up disabled
1: Port B wake up enabled
PDWK
08H
W
0000
X
PDWK.2 PDWK.1 PDWK.0 Port D wake up enable control
0: Port D wake up disabled
1: Port D wake up enabled
Reserved
09H~
0FH
Reserved
5.3 Ha lt Mode & Wake up
The MCU is changed into HALT mode ( MCU clock and HRCOSC stop) when HALT instruction executed. It
provides a power saving mode for those applications requiring a very low stand-by current. The PA0~PA3,
PB0~PB3 and PD0~PD2 are provided the wake up function when rising edge or falling edge trigger
occurred in halt mode. The program counter will be changed to $004H when HALT instruction executed
immediately, and program counter will go to next address after stable time delay (CKstable3, see page 5 )
while wake up condition occurred. “system resetb” signal will release HALT state and execute reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com