Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD009 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AD009-041
Page 3 of 14
Version 1.0
Block Diagram
4. ELECTRICAL CHARACTERISTICS
4. 1 Ab sol u t e M axi m u m Rat i n g s
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYSMBOL
RATING
UNIT
DC Supply Voltage
V+
< 7.0
V
Input Voltage Range
VIN
-0.5 to VDD+0.5
V
Operating Temperature
TA
-40 to 85
ºC
Storage Temperature
TSTO
-50 to 150
ºC
4. 2 DC/ AC Ch aract e r i sti c s
DC CHARACTERISTICS ( TA = 25℃, VDD = 3V, unless otherwise noted )
LIMIT
PARAMETER
SYMBOL
TEST CONDITIONS
Min
Typ
Max
UNIT
Operating voltage
VDD
-
1.8
-
3.6
V
Operating Current
IOP1
3V , MCU run 2 MIPS
-
0.7
-
mA
Standby Current 1
ISTBY1
MCU stop, WDT off,
key scan off
-
0.1
uA
Standby Current 2
ISTBY2
MCU stop, WDT off,
key scan on
-
0.7
3
uA
Input High Level
VIH
All I/O port
0.7*VDD
-
-
V
Input Low Level
VIL
All I/O port
-
-
0.4*VDD
V
Output Drive Current
IOH
VDD=3V , VOH=2.5V
All I/O port, except REM
-
-7
-
mA
Output Sink Current
IOL1
VDD=3V , VOL=0.5V
All I/O port, , except REM PIN
-
20
-
mA
Port A
4-Bit RISC CPU core
RAM
32 X 4
OTP PROM
2K word
RCOSC
(8MHz)
VSS
PA0~3
VDD
Port B
PB0~3
8 Bit
Timer
PD0~2
WDT
LVR
Port D
RCOSC
(13KHz)
DPC1
REM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com