Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AD009-041
Page 13 of 14
Version 1.0
8. Application C i rcuit
VSS
47uF
VDD
C1
+
+
-
-
1.8V~3.6V
Note : Substrate must be connected to VSS.
REM
PD0
PD1
PD2
PB0
PB1
PB2
PB3
PA0
PA1
PA2
PA3
IR LED
Keyboard
AD009-041
AD009-041
VSS
VDD
Note : Substrate must be connected to VSS.
REM
+
VSS
PD0
PD1
PD2
PB0
PB1
PB2
PB3
PA0
PA1
PA2
PA3
66 KEY
47uF
C1
+
+
-
-
1.8V~3.6V
IR LED
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com