Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD009-041
Page 10 of 14
Version 1.0
Common I/O
Symbol
Addr
R/W
RSTB D3
D2
D1
D0
Description
IOC_PA
02H
R/W
0000
USER0
IOCA2
IOCA1
IOCA0
Port A input/output direction select
1: set port A as output port individual pin
0: set port A as input port individual pin
USER0: 1 bit user RAM
DATA_PA
03H
R/W
xxxx
DPA3
(Read
only )
DPA2
DPA1
DPA0
Read data from PA0~PA3 PIN and write
data to PA0~PA2 PIN ( I/O direction is
selected by IOC_PA register)
IOC_PB
05H
R/W
0000
IOCB3
IOCB2
IOCB1
IOCB0
Port B input/output direction select
1: set port B as output port individual pin
0: set port B as input port individual pin
DATA_PB
06H
R/W
xxxx
DPB3
DPB2
DPB1
DPB0
Read port B data from PB0~PB3 port and
write to PB0~PB3 ( I/O direction is
defined by IOC_PB register)
Extended I/O
Symbol
Addr
R/W
Reset
D3
D2
D1
D0
Description
PAPU
00H
W
0000
PAPU.3
PAPU.2
PAPU.1
PAPU.0
Port A pull up 150K ohm resistor
0: Port A pull up resistor disabled
1: Port A pull up resistor enabled
PBPU
02H
W
0000
PBPU.3
PBPU.2
PBPU.1
PBPU.0
Port B pull up 150K ohm resistor
0: Port B pull up resistor disabled
1: Port B pull up resistor enabled
PAWK
06H
W
0000
PAWK.3 PAWK.2 PAWK.1 PAWK.0 Port A wake up enable control
0: Port A wake up disabled
1: Port A wake up enabled
PBWK
07H
W
0000
PBWK.3 PBWK.2 PBWK.1 PBWK.0 Port B wake up enable control
0: Port B wake up disabled
1: Port B wake up enabled
The Port A and Port B are 4-bit I/O port except PA3 is an input port. They can be bit programmable setting
as input port or output port. In output mode, the data can be written out to external pin by DATA_PA OR
DATA_PB register, and reading this output port will get data from DATA_PA or DATA_PB register. Pull-up
resistor (150K ohm) will be disabled when output mode is selected.
In input mode, Port A and Port B data can be read from external pin by reading DATA_PA or DATA_PB
register, and they are provided pull-up resistor 150K or not by PAPU, PBPU registers.
In addition, each pin of Port A and Port B also can be with wake up function by using register PAWK or
PBWK setting to 1. In HALT mode, If Port A or Port B with wake up enabled by these registers, any edge
trigger (rising or falling) occurred on Port A or Port B will wake up system and turn on HRCOSC oscillator,
and the program counter of MCU will jump to the address 04H, running the wake up sub-routing program.
PA3 is an input pin only, provided with pull up 150K ohm and edge wake up function.
5. 9. 2 Por t C (o utp u t)
REM PIN is an open drain output port with large sink current structure, REM pin is controlled by DPC1
register.
Symbol
Addr
R/W
Reset
D3
D2
D1
D0
Description
IR_DIV
01H
R/W
1000
DPC1
(REM)
X
X
X
DPC1(PC1/REM) is an output port for
IR LED driving.
5. 9. 3 Por t D ( i nput / output)
Symbol
Addr
R/W
Reset
D3
D2
D1
D0
Description
IOC_PD
0CH
R/W
0000
X
IOCD2
IOCD1
IOCD0
Port D input/output direction select
1: set port D as output port individual pin
0: set port D as input port individual pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com