Electronic Components Datasheet Search
  English  ▼

X  

AD009 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AD009
Description  AD009-041 Remote controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD009 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AD009 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD009 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AD009-041
Page 1 of 14
Version 1.0
AD009-041 Remote controller
1. General Descriptions
The AD009-041 a high-performance 4-bit RISC micro-controller embedded up to 2KX12 bits OTP, 32X4
bits SRAM, 10 Input/Output pins, one input pin and built-in one IR LED drive pin. it’s flexible and cost-
effective solution for remote control of TV, Fans, Air conditioners ... etc.
2. Features
MCU Operating voltage: 1.8V to 3.6V
Operation frequency: MCU run 2 MIPS
Memory Size
Program ROM size: 2K X12 bits (OTP type)
SRAM size: 32x4 bits
Wake up function for power-down mode
HALT mode wake up source: RTC timer overflow or PA0~3, PB0~3 and PD0~3 edge trigger.
Provided 10 input /output pins: each I/O has bit programmable as input or output port, these 10 I/Os
also provided edge trigger wake up function and pull up resistors configured by registers.
(a) They are provided with high sink current 20mA @VDD=3V, VOL=0.5V.
(b) They are provided with drive current 7mA @VDD=3V, VOH=2.5V.
(c) Pull up 150k ohm resistor.
Provide 1 input pin (PA3) shared with VPP pin, pull up 150k ohm resistor and edge trigger wake up
function.
Built-in one IR LED drive pin.
( Sink current : IOL=210mA at VDD=3V and VOL=0.3V )
One 8 bits timer, clock source of timer is FMCK /8192( or 4096,2048,1024 ), the content of timer can be
cleared and read by program.
Built-in internal RC OSC 8 MHz ----
frequency deviation within ±2%, VDD=1.8V~3.6V, temp= -20 ºC ~70 ºC
Support 1.5 cycle length instruction (NOP15) to generate IR waveform by software.
Four reset condition
Low voltage reset (LVR=1.5V)
Power on RC-reset
Watch dog timer overflow reset ( WDT period is 0.26 Sec )


Similar Part No. - AD009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD009 ETC-AD009 Datasheet
383Kb / 7P
AD009-01X Infrared Remote Control OTP MCU Introduction
V1.1
AD009 07 ETC-AD009 07 Datasheet
383Kb / 7P
AD009-01X Infrared Remote Control OTP MCU Introduction
V1.1
AD009-01B ETC-AD009-01B Datasheet
383Kb / 7P
AD009-01X Infrared Remote Control OTP MCU Introduction
V1.1
AD009-01C ETC-AD009-01C Datasheet
383Kb / 7P
AD009-01X Infrared Remote Control OTP MCU Introduction
V1.1
AD009-01T ETC-AD009-01T Datasheet
383Kb / 7P
AD009-01X Infrared Remote Control OTP MCU Introduction
V1.1
More results

Similar Description - AD009

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
Remote Controller MCU
logo
Unisonic Technologies
UT912D UTC-UT912D Datasheet
296Kb / 7P
DECODERS FOR REMOTE CONTROLLER
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
Remote Controller MCU
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
Wired Remote Controller
Rev 3; 1/10
logo
Unisonic Technologies
UT912E UTC-UT912E_10 Datasheet
190Kb / 8P
ENCODER FOR REMOTE CONTROLLER
RCT2E UTC-RCT2E_15 Datasheet
216Kb / 6P
ENCODER FOR REMOTE CONTROLLER
logo
List of Unclassifed Man...
TX-F02 ETC2-TX-F02 Datasheet
264Kb / 5P
Wireless Remote Controller/Transmitter
logo
Mean Well Enterprises C...
RFP-M8M4-5A MEANWELL-RFP-M8M4-5A Datasheet
2Mb / 4P
Wireless RGBW remote controller
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
RFID remote controller
logo
Unisonic Technologies
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com