Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 38Page - Renesas Technology Corp AT25QL321 Datasheet HTML 39Page - Renesas Technology Corp AT25QL321 Datasheet HTML 40Page - Renesas Technology Corp AT25QL321 Datasheet HTML 41Page - Renesas Technology Corp AT25QL321 Datasheet HTML 42Page - Renesas Technology Corp AT25QL321 Datasheet HTML 43Page - Renesas Technology Corp AT25QL321 Datasheet HTML 44Page - Renesas Technology Corp AT25QL321 Datasheet HTML 45Page - Renesas Technology Corp AT25QL321 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 42
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
8.19 64 kB Block Erase (D8h)
The Block Erase command is to erase the data of the selected block as being ‘1’. The command is used for 64K-
byte Block erase operation. Prior to the Block Erase Command, a Write Enable command must be issued. The
command is initiated by driving the CS pin low and shifting the command code D8h followed a 24-bit block
address (A23-A0). (See Figure 33 and Figure 34). The CS pin must go high after the eighth bit of the last byte
has been latched in, otherwise, the Block Erase command can not be executed. After CS is driven high, the self-
timed Block Erase command commences for a time duration of tBE2. See Section 9.8, AC Electrical
Characteristics.
While the Block Erase cycle is in progress, the Read Status Register command can still be read the status of
the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished
and the device is ready to accept other commands again. When the BUSY bit is asserted, the Write Enable
Latch (WEL) bit in the Status Register is cleared to 0.
Figure 33. 64 kB Block Erase Command (SPI Mode)
Figure 34. 64 kB Block Erase Command (QPI Mode)
35
246
7
29
31
30
9
8
23
22
2
1
0
01
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
IO
IO
SCK
CS
Command (D8h)
24-Bit Address
MSB
SCK
CS
1
0
2345
Mode 3
Command
D8h
A23-16
A15-8
A7-0
Mode 0
8
12
11
15
14
10
9
13
16
20
18
19
23
22
17
21
IO
0
4
2
3
7
6
1
5
67
Mode 3
Mode 0
MSB
IO
IO
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com