Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 8Page - Renesas Technology Corp AT25QL321 Datasheet HTML 9Page - Renesas Technology Corp AT25QL321 Datasheet HTML 10Page - Renesas Technology Corp AT25QL321 Datasheet HTML 11Page - Renesas Technology Corp AT25QL321 Datasheet HTML 12Page - Renesas Technology Corp AT25QL321 Datasheet HTML 13Page - Renesas Technology Corp AT25QL321 Datasheet HTML 14Page - Renesas Technology Corp AT25QL321 Datasheet HTML 15Page - Renesas Technology Corp AT25QL321 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 12
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
4.
Memory Array
To provide the greatest flexibility, the memory array of the AT25QL321 can be erased in four levels of granularity
including a full chip erase. The size of the erase blocks is optimized for both code and data storage applications,
allowing both code and data segments to reside in their own erase regions. The Memory Architecture Diagram
illustrates the breakdown of each erase level.
Figure 3. Memory Architecture Diagram
64 kB
32 kB
4 kB
1-256 Byte
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
4 kB
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
256 Bytes
64 kB
Sector 0
Block Erase Detail
Page Program Detail
32 kB
32 kB
Page Address
Range
Block Address
Range
32 kB
32 kB
64 kB
Sector 63
32 kB
32 kB
64 kB
Sector 62
3FF000h - 3FFFFFh
3FFF00h - 3FFFFFh
3FFE00h - 3FFEFFh
3FFD00h - 3FFDFFh
3FFC00h - 3FFCFFh
3FFB00h - 3FFBFFh
3FFA00h - 3FFAFFh
3FF900h - 3FF9FFh
3FF800h - 3FF8FFh
3FF700h - 3FF7FFh
3FF600h - 3FF6FFh
3FF500h - 3FF5FFh
3FF400h - 3FF4FFh
3FF300h - 3FF3FFh
3FF200h - 3FF2FFh
3FF100h - 3FF1FFh
3FF000h - 3FF0FFh
3FEF00h - 3FEFFFh
3FEE00h - 3FEEFFh
3FED00h - 3FEDFFh
3FEC00h - 3FECFFh
3FEA00h - 3FEAFFh
3FEB00h - 3FEBFFh
3FE900h - 3FE9FFh
3FE800h - 3FE8FFh
001700h - 0017FFh
001600h - 0016FFh
001500h - 0015FFh
001400h - 0014FFh
001300h - 0013FFh
001200h - 0012FFh
001100h - 0011FFh
001000h - 0010FFh
000F00h - 000FFFh
000E00h - 000EFFh
000D00h - 000DFFh
000C00h - 000CFFh
000B00h - 000BFFh
000A00h - 000AFFh
000900h - 0009FFh
000800h - 0008FFh
000700h - 0007FFh
000600h - 0006FFh
000500h - 0005FFh
000400h - 0004FFh
000300h - 0003FFh
000200h - 0002FFh
000100h - 0001FFh
000000h - 0000FFh
3FE000h - 3FEFFFh
3FD000h - 3FDFFFh
3FC000h - 3FCFFFh
3FB000h - 3FBFFFh
3FA000h - 3FAFFFh
3F9000h - 3F9FFFh
3F8000h - 3F8FFFh
3F7000h - 3F7FFFh
3F6000h - 3F6FFFh
3F5000h - 3F5FFFh
3F4000h - 3F4FFFh
3F3000h - 3F3FFFh
3F2000h - 3F2FFFh
3F1000h - 3F1FFFh
3F0000h - 3F0FFFh
3EF000h - 3EFFFFh
3EE000h - 3EEFFFh
3ED000h - 3EDFFFh
3EC000h - 3ECFFFh
3EB000h - 3EBFFFh
3EA000h - 3EAFFFh
3E9000h - 3E9FFFh
3E8000h - 3E8FFFh
3E7000h - 3E7FFFh
3E6000h - 3E6FFFh
3E5000h - 3E5FFFh
3E4000h - 3E4FFFh
3E3000h - 3E3FFFh
3E2000h - 3E2FFFh
3E1000h - 3E1FFFh
3E0000h - 3E0FFFh
00F000h - 00FFFFh
00E000h - 00EFFFh
00D000h - 00DFFFh
00C000h - 00CFFFh
00B000h - 00BFFFh
00A000h - 00AFFFh
009000h - 009FFFh
008000h - 008FFFh
007000h - 007FFFh
006000h - 006FFFh
005000h - 005FFFh
004000h - 004FFFh
003000h - 003FFFh
002000h - 002FFFh
001000h - 001FFFh
000000h - 000FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com