Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 40Page - Renesas Technology Corp AT25QL321 Datasheet HTML 41Page - Renesas Technology Corp AT25QL321 Datasheet HTML 42Page - Renesas Technology Corp AT25QL321 Datasheet HTML 43Page - Renesas Technology Corp AT25QL321 Datasheet HTML 44Page - Renesas Technology Corp AT25QL321 Datasheet HTML 45Page - Renesas Technology Corp AT25QL321 Datasheet HTML 46Page - Renesas Technology Corp AT25QL321 Datasheet HTML 47Page - Renesas Technology Corp AT25QL321 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 44
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
8.21 Erase / Program Suspend (75h)
The Erase/Program Suspend command allows the system to interrupt a Block Erase operation or a Page
Program, Quad Data Input Page Program, Quad Page Program operation.
Erase Suspend is valid only during the Block erase operation. The Write Status Register-1 (01h), Write Status
Register-2 (31h) command and Erase commands (20h, 52h, D8h, C7h, 60h) are not allowed during Erase
Suspend. During the Chip Erase operation, the Erase Suspend command is ignored.
Program Suspend is valid only during the Page Program, Quad Data Input Page Program or Quad Page Program
operation. The Write Status Register-1 (01h), Write Status Register-2 (31h) command, Program commands (02h
and 33h) and Erase Commands (20h, 52h, D8h, C7h, 60h) are not allowed during Program Suspend.
The Erase/Program Suspend command “75h” is accepted by the device only if the SUS bit in the Status Register
equals to 0 and the BUSY bit equals to 1 while a Block Erase or a Page Program operation is on-going. If the
SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend command is ignored by the device. A maximum of
time of tSUS (see Section 9.8) is required to suspend the erase or program operation. After Erase/Program
Suspend, the SUS bit in the Status Register is set from 0 to 1 immediately and the BUSY bit in the Status
Register is cleared from 1 to 0 within tSUS. For a previously resumed Erase/Program operation, it is also required
that the Suspend command 75h is not issued earlier than a minimum of time of tSUS following the preceding
Resume command 7Ah.
Unexpected power off during the Erase/Program suspend state resets the device and releases the suspend
state. SUS bit in the Status Register is also reset to 0. The data within the page or block that was being
suspended might become corrupted. It is recommended for the user to implement system design techniques
against the accidental power interruption and preserve data integrity during erase/program suspend state. See
Figure 36 and Figure 8.22.
Figure 36. Erase Suspend Command (SPI Mode left, QPI Mode right)
A read operation from an 8-Mbit area (referred to as a physical block) that includes a suspended area might
provide unreliable data. For the definition of the physical block and for techniques to ensure high data integrity,
see application note AN-500.
SCK
CS
SI
SO
1
0
234
6
57
Command
t
SUS
75h
Mode 3
Mode 0
High-Impedance
Mode 3
Mode 0
Accept commands
SCK
CS
1
0
Mode 3
Command
75h
Mode 0
Mode 3
Accept commands
Mode 0
t
SUS
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com