Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 70Page - Renesas Technology Corp AT25QL321 Datasheet HTML 71Page - Renesas Technology Corp AT25QL321 Datasheet HTML 72Page - Renesas Technology Corp AT25QL321 Datasheet HTML 73Page - Renesas Technology Corp AT25QL321 Datasheet HTML 74Page - Renesas Technology Corp AT25QL321 Datasheet HTML 75Page - Renesas Technology Corp AT25QL321 Datasheet HTML 76Page - Renesas Technology Corp AT25QL321 Datasheet HTML 77Page - Renesas Technology Corp AT25QL321 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 74
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
1. Clock high + Clock low must be less than or equal to 1/fc.
2. Value guaranteed by design and/or characterization, not 100% tested in production.
3. Contains: Read Status Register-1,2; Read Manufacturer/Device ID, Dual, Quad/ Read JEDEC ID/ Read Security Register/ Read Serial
Flash Discovery Parameter.
4. Only applicable as a constraint for a Write Status Register command when Sector Protect Bit is set to 1.
9.9
Input Timing
HOLD Active Hold Time relative to Clock
tCHHH
5ns
HOLD Not Active Setup Time relative to Clock
tHHCH
5ns
HOLD Not Active Hold Time relative to Clock
tCHHL
5ns
HOLD to Output Low-Z
tHHQX 2
tLZ
7ns
HOLD to Output High-Z
tHLQZ 2
tHZ
12
ns
Write Protect Setup Time Before CS Low
tWHSL 4
20
ns
Write Protect Setup Time After CS High
tSHWL 4
100
ns
CS High to Power Down Mode
tDP 2
3µs
CS High to Standby Mode without Electronic Signature Read
tRES1 2
3µs
CS High to Standby Mode with Electronic Signature Read
tRES2 2
1.8
µs
CS High to next Command after Suspend
tSUS 2
30
µs
CS High to next Command after Reset
tRST 2
30
µs
Write Status Register Time
tW
10
15
ms
Byte Program Time
tBP
10
150
µs
Page Program Time
tPP
0.6
5
ms
Page Program Time (ACC = 9 V)
tEP
0.3
3
ms
Block Erase Time (4 kB)
tSE
0.06
0.4
s
Block Erase Time (32 kB)
tBE1
0.20
1.5
s
Block Erase Time (64 kB)
tBE2
0.35
2
s
Chip Erase Time
tCE
20
80
s
9.8
AC Electrical Characteristics (Continued)
Parameter
Symbol
Alt
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com