Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 6Page - Renesas Technology Corp AT25QL321 Datasheet HTML 7Page - Renesas Technology Corp AT25QL321 Datasheet HTML 8Page - Renesas Technology Corp AT25QL321 Datasheet HTML 9Page - Renesas Technology Corp AT25QL321 Datasheet HTML 10Page - Renesas Technology Corp AT25QL321 Datasheet HTML 11Page - Renesas Technology Corp AT25QL321 Datasheet HTML 12Page - Renesas Technology Corp AT25QL321 Datasheet HTML 13Page - Renesas Technology Corp AT25QL321 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 10
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
ACC
ACCELERATED PROGRAMMING
The device offers accelerated program operations through the ACC function. This
function is primarily intended to allow faster manufacturing throughput at the factory.
If the system asserts VHH on this pin, the device uses the higher voltage on the pin to
reduce the time required for program operations. Removing VHH from the ACC pin
returns the device to normal operation.
Note that the ACC pin must not be at VHH for operations other than accelerated
programming, or device damage results. Also, the ACC pin must not be left floating or
unconnected; inconsistent behavior of the device results. The ACC function is only
available during standard SPI Mode.
HOLD
(I/O3)
HOLD / IO3
This pin is used either for pausing communication, in which case it is referred to as
HOLD, or as one of the quad-SPI I/O pins, in which case it is referred to as IO3.
When the Quad Enable (QE) bit of Status Register 2 is 0, this pin is used as a HOLD
pin. When the QE bit of Status Register 2 is 1, quad-SPI communication is enabled,
and the pin is used as I/O pin IO3 in any command that makes use of quad-SPI. In this
setting, do not use the pin for pausing communication.
The HOLD pin is used to pause a SPI sequence without resetting the clocking
sequence. To enable the HOLD mode, CS must be low. The HOLD mode effect is on
with the falling edge of the HOLD signal with SCK being low. The HOLD mode ends on
the rising edge of the HOLD signal with SCK being low.
The HOLD pin does not have internal pull-up. It must either be driven or, if not used,
pulled up with an external resistor to Vcc.
–
Input/Output
VCC
DEVICE POWER SUPPLY: VCC is the supply voltage. It is the single voltage used for
all device functions including read, program, and erase. The VCC pin is used to supply
the source voltage to the device. Operations at invalid VCC voltages produce spurious
results; do not attempt them.
–
Power
GND
GROUND: VSS is the reference for the VCC supply voltage. The ground reference for
the power supply. Connect GND to the system ground.
–
Power
Table 1. Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com