Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 1 Page - Renesas Technology Corp

  AT25QL321 Datasheet HTML 1Page - Renesas Technology Corp AT25QL321 Datasheet HTML 2Page - Renesas Technology Corp AT25QL321 Datasheet HTML 3Page - Renesas Technology Corp AT25QL321 Datasheet HTML 4Page - Renesas Technology Corp AT25QL321 Datasheet HTML 5Page - Renesas Technology Corp AT25QL321 Datasheet HTML 6Page - Renesas Technology Corp AT25QL321 Datasheet HTML 7Page - Renesas Technology Corp AT25QL321 Datasheet HTML 8Page - Renesas Technology Corp AT25QL321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Datasheet
DS-AT25QL321-131 Rev. D
Page 1
Nov 1, 2022
© 2022 Renesas Electronics
Features
▪ Single 1.7 V - 2.0 V Supply
▪ 32 Mbit Flash Memory
▪ Serial Peripheral Interface (SPI) and Quad Peripheral Interface (QPI) Compatible
• Supports SPI Modes 0 and 3
• Supports Dual Output Read and Quad I/O Program and Read
• Quad enabled (factory default setting)
• Supports QPI Program and Read
• 104 MHz Maximum Operating Frequency
• Clock-to-Output (tV1) of 6 ns
• Up tp 65 Mbytes/s continuous data transfer rate
▪ Full Chip Erase
▪ Flexible, Optimized Erase Architecture for Code and Data Storage Applications
• 0.6 ms Typical Page Program (256 bytes) Time
• 60 ms Typical 4 kbyte Block Erase Time
• 200 ms Typical 32 kbyte Block Erase Time
• 300 ms Typical 64 kbyte Block Erase Time
▪ Hardware Controlled Locking of Protected Blocks via WP Pin
▪ 4 kbit secured One-Time Programmable Security Register
▪ Hardware Write Protection
▪ Serial Flash Discoverable Parameters (SFDP) Register
▪ Flexible Programming
• Byte/Page Program (1 to 256 bytes)
• Dual or Quad Input Byte/Page Program (1 to 256 bytes)
• Accelerated programming mode through 9 V ACC pin
▪ Erase/Program Suspend and Resume
▪ JEDEC Standard Manufacturer and Device ID Read Methodology
▪ Low Power Dissipation
• 2 µA Deep Power-Down Current (Typical)
• 10 µA Standby current (Typical)
• 5 mA Active Read Current (Typical)
▪ Endurance: 100,000 program/erase cycles (4, 32, or 64 kbyte blocks)
▪ Data Retention: 20 Years
▪ Industrial Temperature Range: -40 °C to +85 °C
▪ Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
• 8MA1, 8-pad UDFN (6 x 5 x 0.6 mm)
• 8MA2, 8-pad USON(3 x 4 x 0.55 mm)
• 8S1, 8-lead SOIC (150 mil)
• 8-ball WLCSP, die Ball Grid Array (dBGA)
AT25QL321
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support


Similar Part No. - AT25QL321

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25QL321 DIALOG-AT25QL321 Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-CCUE-T DIALOG-AT25QL321-CCUE-T Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-DWF DIALOG-AT25QL321-DWF Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-MBUE-T DIALOG-AT25QL321-MBUE-T Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL321-MHE-T DIALOG-AT25QL321-MHE-T Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
More results

Similar Description - AT25QL321

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SL128A DIALOG-AT25SL128A Datasheet
5Mb / 75P
128-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL128A DIALOG-AT25QL128A Datasheet
5Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
AT25QL321 DIALOG-AT25QL321 Datasheet
5Mb / 79P
32-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SL321 DIALOG-AT25SL321 Datasheet
5Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
logo
Renesas Technology Corp
AT25QF641 RENESAS-AT25QF641 Datasheet
6Mb / 72P
64-Mbit, 2.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
6/2022
AT25QL128A RENESAS-AT25QL128A Datasheet
4Mb / 85P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25SL128A RENESAS-AT25SL128A Datasheet
4Mb / 84P
1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Sep 14, 2022
AT25SL321 RENESAS-AT25SL321 Datasheet
4Mb / 82P
32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
Nov 1, 2022
AT25SL641 RENESAS-AT25SL641 Datasheet
3Mb / 83P
64-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
Sep 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com