Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 16Page - Renesas Technology Corp AT25QL321 Datasheet HTML 17Page - Renesas Technology Corp AT25QL321 Datasheet HTML 18Page - Renesas Technology Corp AT25QL321 Datasheet HTML 19Page - Renesas Technology Corp AT25QL321 Datasheet HTML 20Page - Renesas Technology Corp AT25QL321 Datasheet HTML 21Page - Renesas Technology Corp AT25QL321 Datasheet HTML 22Page - Renesas Technology Corp AT25QL321 Datasheet HTML 23Page - Renesas Technology Corp AT25QL321 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 20
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “()” indicate data being read from the device on
the IO pin.
2. SR = status register, The Status Register contents and Device ID are repeated continuously until CS terminates the command.
3. At least one byte of data input is required for Page Program, Quad Page Program and Program Security Register, up to 256 bytes
of data input. If more than 256 bytes of data are sent to the device, the addressing
wraps to the beginning of the page and
overwrite previously sent data.
4. See Manufacturer and Device Identification table for Device ID information.
5. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3, M1
6. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
7. Quad Input Address
Set Burst with Wrap Input
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO0 = x, x, x, x, x, x, W4, x
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO1 = x, x, x, x, x, x, W5, x
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO2 = x, x, x, x, x, x, W6, x
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
O3 = x, x, x, x, x, x, x
x
8. Quad Input/ Output Data
IO0 = (D4, D0…)
IO1 = (D5, D1…)
IO2 = (D6, D2…)
IO3 = (D7, D3…)
9. Fast Read Quad I/O Data Output
IO0 = (x, x, x, x, D4, D0…)
IO1 = (x, x, x, x, D5, D1…)
IO2 = (x, x, x, x, D6, D2…)
IO3 = (x, x, x, x, D7, D3…)
10. SC = security register
Write Security Register
2Fh
Fast Read
Quad I/O
>80 MHz
EBh
A23-A16
A15-A8
A7-A0
(M7-M0)
dummy
(D7-D0)
>104 MHz
A23-A16
A15-A8
A7-A0
(M7-M0)
dummy
dummy
(D7-D0)
Reset Enable
66h
Reset
99h
Disable QPI
FFh
Burst
Read with
>80 MHz
0Ch
A23-A16
A15-A8
A7-A0
dummy
dummy
(D7-D0)
>104 MHz
A23-A16
A15-A8
A7-A0
dummy
dummy
dummy
(D7-D0)
Set Read Parameter
C0h
P7-P0
Quad Page Program
33h
A23-A16
A15-A8
A7-A0
(D7-D0)
Table 9. Command Set Table 4 (QPI command) (Continued)
Command Name
Byte
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Byte 8
(Clock Number)
(0 – 1)
(2 - 3)
(4 - 5)
(6 - 7)
(8 - 9)
(10 - 11)
(12 -
(14 -
(16 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com