Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 10Page - Renesas Technology Corp AT25QL321 Datasheet HTML 11Page - Renesas Technology Corp AT25QL321 Datasheet HTML 12Page - Renesas Technology Corp AT25QL321 Datasheet HTML 13Page - Renesas Technology Corp AT25QL321 Datasheet HTML 14Page - Renesas Technology Corp AT25QL321 Datasheet HTML 15Page - Renesas Technology Corp AT25QL321 Datasheet HTML 16Page - Renesas Technology Corp AT25QL321 Datasheet HTML 17Page - Renesas Technology Corp AT25QL321 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 14
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
6.
Write Protection
To protect inadvertent writes by the possible noise, several means of protection are applied to the Flash memory.
6.1
Write Protect Features
▪ While Power-on reset, all operations are disabled and no command is recognized.
▪ An internal time delay of tPUW can protect the data against inadvertent changes while the power supply is
outside the operating specification. This includes the Write Enable, Page program, Block Erase, Chip Erase,
Write Security Register and the Write Status Register commands.
▪ For data changes, Write Enable command must be issued to set the Write Enable Latch (WEL) bit to “0”.
Power-up, Completion of Write Disable, Write Status Register, Page program, Block Erase and Chip Erase are
subjected to this condition.
▪ Write Protect (WP) pin can control to change the Status Register under hardware control.
▪ The Deep Power Down mode provides extra protection from unexpected data changes as all commands are
ignored under this status except for Release Deep Power Down command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com