Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 3Page - Renesas Technology Corp AT25QL321 Datasheet HTML 4Page - Renesas Technology Corp AT25QL321 Datasheet HTML 5Page - Renesas Technology Corp AT25QL321 Datasheet HTML 6Page - Renesas Technology Corp AT25QL321 Datasheet HTML 7Page - Renesas Technology Corp AT25QL321 Datasheet HTML 8Page - Renesas Technology Corp AT25QL321 Datasheet HTML 9Page - Renesas Technology Corp AT25QL321 Datasheet HTML 10Page - Renesas Technology Corp AT25QL321 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 7
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
1.
Product Overview
The AT25QL321 is a serial interface Flash memory device designed for use in a wide variety of high-volume
consumer based applications in which program code is shadowed from Flash memory into embedded or external
RAM for execution. The flexible erase architecture of the AT25QL321 is ideal for data storage as well, eliminating
the need for additional data storage devices.
The erase block sizes of the AT25QL321 have been optimized to meet the needs of today's code and data
storage applications. By optimizing the size of the erase blocks, the memory space can be used much more
efficiently. Because certain code modules and data storage segments must reside by themselves in their own
erase regions, the wasted and unused memory space that occurs with large block erase Flash memory devices
can be greatly reduced. This increased memory space efficiency allows additional code routines and data storage
segments to be added while still maintaining the same overall device density.
SPI clock frequencies of up to 104 MHz* are supported, allowing equivalent clock rates of 266 MHz for Dual
Output and 532 MHz for Quad Output when using the QPI and Fast Read Dual/Quad I/O commands.The
AT25QL321 array is organized into 16,384 programmable pages of 256 bytes each. Up to 256 bytes can be
programmed at a time using the Page Program commands. Pages can be erased 4 kB Block, 32 kB Block, 64 kB
Block or the entire chip.
The devices operate on a single 1.7 V to 1.95 V power supply with current consumption as low as 5 mA active and
2 µA for Deep Power Down. All devices offered in space-saving packages. The device supports JEDEC standard
manufacturer and device identification with a 4-kbit Secured OTP.
The physical block size of this device is 8 Mbits.
*Contact Renesas Electronics for availability of 133 MHz operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com