Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 19Page - Renesas Technology Corp AT25QL321 Datasheet HTML 20Page - Renesas Technology Corp AT25QL321 Datasheet HTML 21Page - Renesas Technology Corp AT25QL321 Datasheet HTML 22Page - Renesas Technology Corp AT25QL321 Datasheet HTML 23Page - Renesas Technology Corp AT25QL321 Datasheet HTML 24Page - Renesas Technology Corp AT25QL321 Datasheet HTML 25Page - Renesas Technology Corp AT25QL321 Datasheet HTML 26Page - Renesas Technology Corp AT25QL321 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 23
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
8.4
Write Disable (04h)
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register. To enter the
Write Disable command, assert CS low prior to driving the command 04h onto the SI on the rising edge of SCK,
and then driving CS high to terminate the operation. The WEL bit is automatically reset write- disable status of “0”
after Power-up and upon completion of the every Program, Erase and Write Status Register commands.
Figure 6. Write Disable Command for SPI Mode (left) and QPI Mode (right)
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
SCK
SCK
CS
Command (04h)
Command
(04h)
01
Mode 3
Mode 0
Mode 3
Mode 0
CS
SI
SO
IO
0
IO
1
WP
IO
2
HOLD
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com