Electronic Components Datasheet Search
  English  ▼

X  

AT25QL321 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # AT25QL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL321 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button AT25QL321 Datasheet HTML 21Page - Renesas Technology Corp AT25QL321 Datasheet HTML 22Page - Renesas Technology Corp AT25QL321 Datasheet HTML 23Page - Renesas Technology Corp AT25QL321 Datasheet HTML 24Page - Renesas Technology Corp AT25QL321 Datasheet HTML 25Page - Renesas Technology Corp AT25QL321 Datasheet HTML 26Page - Renesas Technology Corp AT25QL321 Datasheet HTML 27Page - Renesas Technology Corp AT25QL321 Datasheet HTML 28Page - Renesas Technology Corp AT25QL321 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
DS-AT25QL321-131 Rev. D
Page 25
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL321 Datasheet
8.6
Write Status Register (01h)
The Write Status Register command is to write the non-volatile Status Register-1 bit (SRP0) and Status
Register-2 bits (QE and SRP1). All other Status Register bit locations are read-only and are not affected by the
Write Status Register command.
A Write Enable (06h) command must have been previously issued prior to setting Write Status Register
Command (Status Register bit WEL = 1). Once the write is enabled, the command is entered by driving CS low,
sending the command code, and then writing the status register data byte as illustrated in Figure 9 and Figure 10.
The CS pin must be driven high after the eighth or sixteenth bit of data that is clocked in. If this is not done the
Write Status Register command can not be executed. If CS is driven high after the eighth clock, hardware clears
the CMP, QE and SRP1 bits to 0. After CS is driven high, the self- timed Write Status Register cycle commences
for a time duration of tw (See Section 9.8, AC Electrical Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register command can still be accessed to
check the status of the BUSY bit. The BUSY bit is set during the Write Status Register cycle and cleared
when the cycle is finished to indicate the device is ready to accept other commands. When the BUSY bit is
asserted, the Write Enable Latch (WEL) bit in Status Register is cleared to 0.
Figure 9. Write Status Register Command (SPI Mode)
Figure 10. Write Status Register Command (QPI Mode)
SCK
CS
03
3
5
5
2
20
4
4
6
6
7
7
11
13
10
12
15
14
9
8
1
1
Mode 3
Mode 0
Mode 3
Mode 0
MSB
Status Register-1 in
Command
01h
High-Impedance
11
13
10
8
12
14
15
9
MSB
19
21
18
20
23
22
17
16
Status Register-2 in
SO
SI
IO
IO
IO
IO
SCK
Command
01h
SR1
in
SR2
in
0
0
1
1
2
3
3
5
25
4
4
7
6
Mode 3
Mode 0
Mode 3
Mode 0
CS
8
9
10
11
13
12
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com