Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1978 Datasheet HTML 1Page - Renesas Technology Corp F1978 Datasheet HTML 2Page - Renesas Technology Corp F1978 Datasheet HTML 3Page - Renesas Technology Corp F1978 Datasheet HTML 4Page - Renesas Technology Corp F1978 Datasheet HTML 5Page - Renesas Technology Corp F1978 Datasheet HTML 6Page - Renesas Technology Corp F1978 Datasheet HTML 7Page - Renesas Technology Corp F1978 Datasheet HTML 8Page - Renesas Technology Corp F1978 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
4
Rev O August 28, 2017
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the F1978 at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions could affect
device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VDD to GND
VDD
-0.3
+5.5
V
DATA, LE, CLK, D[5:0], VMODE
VLogic
-0.3
Minimum
(VDD+0.3, 3.6)
V
RF1, RF2
VRF
-0.3
+0.3
V
Maximum Input Power Applied to RF1 or RF2 (>100MHz)
PRF
+34
dBm
Continuous Power Dissipation
Pdiss
1.75
dBm
Junction Temperature
TJ
+140
°C
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2000
(Class 2)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
500
(Class C2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com