Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 5Page - Renesas Technology Corp F1978 Datasheet HTML 6Page - Renesas Technology Corp F1978 Datasheet HTML 7Page - Renesas Technology Corp F1978 Datasheet HTML 8Page - Renesas Technology Corp F1978 Datasheet HTML 9Page - Renesas Technology Corp F1978 Datasheet HTML 10Page - Renesas Technology Corp F1978 Datasheet HTML 11Page - Renesas Technology Corp F1978 Datasheet HTML 12Page - Renesas Technology Corp F1978 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
9
Rev O August 28, 2017
Typical Performance Characteristics
Figure 4. Insertion Loss vs. Frequency
Figure 5. Insertion Loss vs. Attenuation State
Figure 6. RF1 Return Loss vs. Frequency
(All States)
Figure 7. RF1 Return Loss vs. Attenuation
State
Figure 8. RF2 Return Loss vs. Frequency
(All States)
Figure 9. RF2 Return Loss vs. Attenuation
State
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40 C
+25 C
+105 C
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
1 GHz, -40 C
1 GHz, +25 C
1 GHz, +105 C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.01 GHz
0.50 GHz
0.75 GHz
1.00 GHz
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.01 GHz
0.50 GHz
0.75 GHz
1.00 GHz
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com