Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 7Page - Renesas Technology Corp F1978 Datasheet HTML 8Page - Renesas Technology Corp F1978 Datasheet HTML 9Page - Renesas Technology Corp F1978 Datasheet HTML 10Page - Renesas Technology Corp F1978 Datasheet HTML 11Page - Renesas Technology Corp F1978 Datasheet HTML 12Page - Renesas Technology Corp F1978 Datasheet HTML 13Page - Renesas Technology Corp F1978 Datasheet HTML 14Page - Renesas Technology Corp F1978 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
11
Rev O August 28, 2017
Typical Performance Characteristics
Figure 16. Compression versus Input Power
[Attenuation = 0.0dB]
Figure 17. Input IP3 versus Attenuation Setting
-2.0
-1.5
-1.0
-0.5
0.0
0.5
16
18
20
22
24
26
28
30
32
34
Input Power (dBm)
0.005 GHz
0.050 GHz
0.100 GHz
0.500 GHz
1.000 GHz
1.500 GHz
2.000 GHz
Measured in a 50 ohm system
25
30
35
40
45
50
55
60
65
70
75
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation Setting (dB)
0.035 GHz
0.065 GHz
0.130 GHz
0.500 GHz
0.920 GHz
1.400 GHz
2.000 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com