Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 3Page - Renesas Technology Corp F1978 Datasheet HTML 4Page - Renesas Technology Corp F1978 Datasheet HTML 5Page - Renesas Technology Corp F1978 Datasheet HTML 6Page - Renesas Technology Corp F1978 Datasheet HTML 7Page - Renesas Technology Corp F1978 Datasheet HTML 8Page - Renesas Technology Corp F1978 Datasheet HTML 9Page - Renesas Technology Corp F1978 Datasheet HTML 10Page - Renesas Technology Corp F1978 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
7
Rev O August 28, 2017
Electrical Characteristics (continued)
The specifications in Table 5 apply at VDD = +3.3V, TEP = +25°C, fRF = 1000MHz, PIN = 0dBm, Serial Mode, ZS = ZL = 75Ω, Evaluation Board
(EVKit) trace and connector losses are de-embedded, unless otherwise noted.
Table 5.
Electrical Characteristics
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Input IP2
IIP2
PIN = +12dBm/tone
f1= 945MHz,
f2 = 949MHz
f1 + f2 = 1894MHz
RFIN = RF1
125
dBm
Second Harmonic
H2
PIN = +15dBm
RFIN = 945MHz
RFOUT = 1890MHz
RFIN = RF1
108
dBc
Input 0.1dB Compression [c]
IP0.1
D[5:0] = [000000] = AMIN,
RFIN = RF1
30.5
dBm
MSB Step Time
tLSB
Start at LE rising edge
End ±0.10dB Pout
settling for 15.5dB to
16.0dB transition
500
ns
Maximum Spurious Level on any
RF Port [d]
SPURMAX
-130
dBm
Maximum Switching Rate
SWRATE
25
kHz
DSA Settling Time [e]
SET
Maximum to minimum
attenuation to settle to
within 0.5dB of final
value
0.9
µs
Maximum to minimum
attenuation to settle to
within 0.5dB of final
value
1.8
Control Interface
SPIBIT
6
bit
Serial Clock Speed
SPICLK
25
MHz
[c] The input 0.1dB compression point is a linearity figure of merit. Refer to “Absolute Maximum Ratings” section for the maximum RF input
power. This specification is measured in a 50Ω system.
[d] Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2MHz.
[e] Speeds are measured after SPI programming is completed (data latched with LE = HIGH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com