Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 18Page - Renesas Technology Corp F1978 Datasheet HTML 19Page - Renesas Technology Corp F1978 Datasheet HTML 20Page - Renesas Technology Corp F1978 Datasheet HTML 21Page - Renesas Technology Corp F1978 Datasheet HTML 22Page - Renesas Technology Corp F1978 Datasheet HTML 23Page - Renesas Technology Corp F1978 Datasheet HTML 24Page - Renesas Technology Corp F1978 Datasheet HTML 25Page - Renesas Technology Corp F1978 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
22
Rev O August 28, 2017
Serial Logic Control Setup
The Evaluation Board has the ability to control the F1978 in the Serial Mode. Connect the serial controller to the J11 header connection as
shown in Figure 25. To use the Serial Mode, set U2 switch 7 to the “+” or “O” position.
The attenuation setting can be programmed according to Table 8.
Figure 25. Serial Logic Connections
Power-On Procedure
Set up the voltage supplies and Evaluation Board as described in the “Power Supply Setup” section and either the “Parallel Logic Control Setup”
or “Serial Logic Control Setup” sections above.
Enable the VDD supply.
Enable the proper attenuation setting according to Figure 21 and Table 8 for Serial Mode or Table 12 for the Parallel Mode.
Power-Off Procedure
Set the logic control pins to a logic LOW.
Disable the VDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com