Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 19Page - Renesas Technology Corp F1978 Datasheet HTML 20Page - Renesas Technology Corp F1978 Datasheet HTML 21Page - Renesas Technology Corp F1978 Datasheet HTML 22Page - Renesas Technology Corp F1978 Datasheet HTML 23Page - Renesas Technology Corp F1978 Datasheet HTML 24Page - Renesas Technology Corp F1978 Datasheet HTML 25Page - Renesas Technology Corp F1978 Datasheet HTML 26Page - Renesas Technology Corp F1978 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
25
Rev O August 28, 2017
Marking Diagram
IDTF19
78NCGK
Z715BEG
1. Line 1 and 2 are the part number.
2. Line 3: “Z” is for die version.
3. Line 3: “yww” = “715” = one digit year and two digit week that the part was assembled.
4. Line 3: “BEG” denotes assembly site.
Ordering Information
Orderable Part Number
Description and Package
MSL Rating
Shipping Packaging
Temperature
F1978NCGK
4mm x 4mm x 0.75mm TQFN
1
Tray
-40°C to +105°C
F1978NCGK8
4mm x 4mm x 0.75mm TQFN
1
Reel
-40°C to +105°C
F1978EVBI
Evaluation Board
F1978EVSI
Evaluation Solution including the Evaluation Board, Controller Board, and cable. The Evaluation Software is
available for download on the product page on the IDT website: www.IDT.com/F1978



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com