Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 6Page - Renesas Technology Corp F1978 Datasheet HTML 7Page - Renesas Technology Corp F1978 Datasheet HTML 8Page - Renesas Technology Corp F1978 Datasheet HTML 9Page - Renesas Technology Corp F1978 Datasheet HTML 10Page - Renesas Technology Corp F1978 Datasheet HTML 11Page - Renesas Technology Corp F1978 Datasheet HTML 12Page - Renesas Technology Corp F1978 Datasheet HTML 13Page - Renesas Technology Corp F1978 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
10
Rev O August 28, 2017
Typical Performance Characteristics
Figure 10. Relative Insertion Phase vs.
Frequency (All States)
Figure 11. Relative Insertion Phase vs.
Attenuation
Figure 12. Worst-Case Absolute Accuracy Error
Figure 13. Accuracy Error vs. Attenuation
Figure 14. Worst-Case Step Accuracy
Figure 15. Step Error vs. Attenuation
-5
0
5
10
15
20
25
30
35
40
45
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-5
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.01 GHz
0.50 GHz
0.75 GHz
1.00 GHz
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
-2.0
-1.5
-1.0
-0.5
0.0
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40 C Min
-40 C Max
+25 C Min
+25 C Max
+105 C Min
+105 C Max
-2.0
-1.5
-1.0
-0.5
0.0
0.5
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.01 GHz
0.50 GHz
0.75 GHz
1.00 GHz
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40 C Min
-40 C Max
+25 C Min
+25 C Max
+105 C Min
+105 C Max
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.01 GHz
0.50 GHz
0.75 GHz
1.00 GHz
1.25 GHz
1.50 GHz
1.75 GHz
2.00 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com