Electronic Components Datasheet Search
  English  ▼

X  

F1978 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F1978
Description  6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1978 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F1978 Datasheet HTML 4Page - Renesas Technology Corp F1978 Datasheet HTML 5Page - Renesas Technology Corp F1978 Datasheet HTML 6Page - Renesas Technology Corp F1978 Datasheet HTML 7Page - Renesas Technology Corp F1978 Datasheet HTML 8Page - Renesas Technology Corp F1978 Datasheet HTML 9Page - Renesas Technology Corp F1978 Datasheet HTML 10Page - Renesas Technology Corp F1978 Datasheet HTML 11Page - Renesas Technology Corp F1978 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
8
Rev O August 28, 2017
Thermal Characteristics
Table 6.
Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance
θJA
50
°C/W
Junction to Case Thermal Resistance
(Case is defined as the exposed paddle)
θJC-BOT
3
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
Typical Operating Conditions (TOC)
Unless otherwise noted for the TOC graphs on the following pages, the following conditions apply.
VDD = +3.3V
ZL = ZS = 75Ω single-ended
TEP = +25°C
fRF = 1GHz
PIN = 0dBm for single tone measurements
PIN = +10dBm/tone for multi-tone measurements
Tone spacing = 50MHz
Evaluation Board connector and board losses are de-embedded
Measured in a 75Ω system unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com