Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 32Page - Renesas Technology Corp DA7210 Datasheet HTML 33Page - Renesas Technology Corp DA7210 Datasheet HTML 34Page - Renesas Technology Corp DA7210 Datasheet HTML 35Page - Renesas Technology Corp DA7210 Datasheet HTML 36Page - Renesas Technology Corp DA7210 Datasheet HTML 37Page - Renesas Technology Corp DA7210 Datasheet HTML 38Page - Renesas Technology Corp DA7210 Datasheet HTML 39Page - Renesas Technology Corp DA7210 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
36 of 118
© 2021 Renesas Electronics
A stereo to mono conversion can either be realised by the input or the output mixer. This allows
direct feeding of phone earpiece receivers, high power speaker amplifiers and other mono devices
with the complete audio content. Unused channels of the stereo line out can be switched off to
reduce power consumption using OUT1_L_EN (address 0x1E, Table 71) and OUT1_R_EN (address
0x1F, Table 72). The mixer allows listening to mono signals like baseband or Bluetooth voice also at
both channels of stereo headphones.
Each differential channel of OUT1 can alternatively be individually configured to be single ended via
OUT1_L_SE (address 0x1E, Table 71) and OUT1_R_SE (address 0x1F, Table 72). Typical earpiece
receivers with an impedance > 32
Ω can be driven directly in differential mode at all outputs. This
amplifier offers individual programmable volume control from +15 dB to –54 dB in 1.5 dB steps, then
mute for steps below -54 dB using controls OUT1_L_VOL (address 0x1E, Table 71) and
OUT1_R_VOL (address 0x1F, Table 72). For smooth volume changes, the gain update can be
synchronised to zero-crossing of the signal using OUTZX_L_EN and OUTZX_R_EN (address 0x24,
Table 77). If no zero-crossing is detected within 2048 sample periods, the gain change is applied
unconditionally. The left and right channels are synchronised independently.
The differential AUX2 and the line output OUT2 provide a separate voice link like required to support
analogue audio of baseband modules used in smart or VoIP phones. OUT2 is enabled via OUT2_EN
(Address 0x20, Table 73) and is able to select via OUT2_OUTMIX_R/OUT2_OUTMIX_L either the
left or right channel of the output mixer or via OUT2_IN_R/OUT2_IN_L(Address 0x20, Table 73) a
signal from the input mixer. The gain is adjusted via control OUT2_VOL (Address 0x20, Table 73).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com