Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 61Page - Renesas Technology Corp DA7210 Datasheet HTML 62Page - Renesas Technology Corp DA7210 Datasheet HTML 63Page - Renesas Technology Corp DA7210 Datasheet HTML 64Page - Renesas Technology Corp DA7210 Datasheet HTML 65Page - Renesas Technology Corp DA7210 Datasheet HTML 66Page - Renesas Technology Corp DA7210 Datasheet HTML 67Page - Renesas Technology Corp DA7210 Datasheet HTML 68Page - Renesas Technology Corp DA7210 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
65 of 118
© 2021 Renesas Electronics
PFD / CP
VCO
÷ (9 + Y[n])
Sigma-Delta
Modulator
98.3 or 90.3 MHz
10 – 20 MHz
MCLK
Digital Clock
12.288 / 11.290 MHz
÷ 2
÷ 4
SRM
Lock
Detect
PLL_DIV
WCLK
DAC & ADC Clock
3.072 / 2.822 MHz
Lock
Y[n]
X
÷ 2
÷ 4
20 – 40 MHz
MCLK
40 – 80 MHz
MCLK
PLL Bypass
÷ 2
÷ 2
15 MHz
OSC
32.768 kHz
MCLK
32 kHz Master Mode
32 kHz mode
Loop Filter
Figure 43: PLL block diagram
9.2.6
Control interface
The DA7210 is selectable to be either a 2-wire or a 4-wire connection (I2C or SPI compliant). The
default for the serial interface is will be default in 2-wire mode, but can be configured to be in 4-wire
mode after a passive to active transition (default: falling edge) is detected three times on the nCS pin
following the power-on-reset, or after the powerdown pin was released. In 2-wire applications the
nCS pin should be tied permanently to the passive state through a resistor. Data is shifted into or out
from DA7210 under control of the host processor that also provides the serial clock.
DA7210
(slave)
Host
processor
SK
SO
SI
nCS/nSS
nCS/nSS
SI
SK
SO
nCS/nSS
VDDIO
VDDIO
VDDIO
Slave device
SI
SK
SO
nCS/nSS
VDDIO
4-wire interface
Host
processor
DA7210
Peripheral
device
SI
SK
Peripheral
device
SDA
SCL
SCL
SDA
VDDIO
VDDIO
2-wire interface
SI
nCS
Open
Figure 44: Schematic of a 4-wire and a 2-wire control bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com