Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 9Page - Renesas Technology Corp DA7210 Datasheet HTML 10Page - Renesas Technology Corp DA7210 Datasheet HTML 11Page - Renesas Technology Corp DA7210 Datasheet HTML 12Page - Renesas Technology Corp DA7210 Datasheet HTML 13Page - Renesas Technology Corp DA7210 Datasheet HTML 14Page - Renesas Technology Corp DA7210 Datasheet HTML 15Page - Renesas Technology Corp DA7210 Datasheet HTML 16Page - Renesas Technology Corp DA7210 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
13 of 118
© 2021 Renesas Electronics
3.1
The 49-ball DA7210 device
On the DA7210, all supplies are accessible as external pins. The VDD pin is only required for
capacitive decoupling. If the LDO is not required to supply the digital core voltage, the VDD supply
should still be applied to the XVDD pin and the LDO should be disabled.
Pin
3G
Pin
1G
Pin
7A
Pin
5B
Pin
2A
Pin
2F
Pin
2G
LDO
VDDDIO
(1.2 to 3.6 V)
Digital Core
(1.2 to 2.5 V)
AVDD
(1.8 to 2.5 V)
VDDADC
(1.8 to 2.5 V)
VDDDAC
(1.5 to 2.5 V)
VDDCP
(1.8 to 2.5 V)
VDDDIO
XVDDD
AVDD
VDDADC
VDDDAC
VDDCP
VDD
Figure 3: DA7210 power supply topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com