Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 11Page - Renesas Technology Corp DA7210 Datasheet HTML 12Page - Renesas Technology Corp DA7210 Datasheet HTML 13Page - Renesas Technology Corp DA7210 Datasheet HTML 14Page - Renesas Technology Corp DA7210 Datasheet HTML 15Page - Renesas Technology Corp DA7210 Datasheet HTML 16Page - Renesas Technology Corp DA7210 Datasheet HTML 17Page - Renesas Technology Corp DA7210 Datasheet HTML 18Page - Renesas Technology Corp DA7210 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
15 of 118
© 2021 Renesas Electronics
6
Electrical characteristics
Table 5: Power dissipation table
Parameter
Description
Conditions (Note 2)
Min
Typ
Max
Unit
All registers at default
values
Powerdown
6
µA
Digital playback to lineout
DACL/R to OUT1L/R
3.15
mW
Digital playback to HP no
load
DACL/R to HPL/R
quiescent
2.54
mW
Digital playback to HP with
load
DACL/R to HPL/R 16
Ω
load 0.1 mW
4.66
mW
Analogue bypass to
lineout
AUX1L/R to OUT1L/R
2.87
mW
Analogue bypass to HP no
load
AUX1L/R to HPL/R
quiescent
2.43
mW
Analogue bypass to HP
with load
AUX1L/R to HPL/R 16
Ω
load 0.1 mW
4.57
mW
Microphone stereo record
MICL/R to ADCL/R
2.38
mW
Mic one channel record
and digital playback to
lineout
MICR to ADCR and DACR
to OUT2
3.10
mW
Mic stereo record and
digital playback to HP no
load
MICL/R to ADCL/R and
DACL/R to HPL/R
quiescent
4.35
mW
Mic stereo record and
digital playback to HP with
load
MICL/R to ADCL/R and
DACL/R to HPL/R 16
Ω
load 0.1 mW
6.49
mW
Note 2
SC_CLK_DIS, 0x03[7] = 1 for all measurements
VMID_BUFF_EN, 0x96[2:0] = 000 for all modes not using DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com