Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 93Page - Renesas Technology Corp DA7210 Datasheet HTML 94Page - Renesas Technology Corp DA7210 Datasheet HTML 95Page - Renesas Technology Corp DA7210 Datasheet HTML 96Page - Renesas Technology Corp DA7210 Datasheet HTML 97Page - Renesas Technology Corp DA7210 Datasheet HTML 98Page - Renesas Technology Corp DA7210 Datasheet HTML 99Page - Renesas Technology Corp DA7210 Datasheet HTML 100Page - Renesas Technology Corp DA7210 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
97 of 118
© 2021 Renesas Electronics
Table 85: PLL 0x2C
Bit
Mode
Symbol
Description
Reset
7
R/W
PLL_EN
PLL enable
0 = disable and bypass PLL
1 = enable PLL
0
6
R/W
MCLK_SRM_EN
Sample rate tracking
0 = disabled
1 = enabled
0
5
R/W
MCLK_DET_EN
automatic detection of sample rate
0 = disabled
1 = enabled
0
4
R/W
MCLK_SHAPE_EN
Enable MCLK shaper for low level non TTL signals
0 = disabled
1 = enabled
0
3:0
R/W
FS
In MCLK_DET mode, the value read from this
register will be the automatically detected sample
rate from the PLL track circuitry. This will be
updated on the positive edge of the DAI clock.
0000 = reserved
0001 = 8 kHz
0010 = 11.025 kHz
0011 = 12 kHz
0100 = reserved
0101 = 16 kHz
0110 = 22.05 kHz
0111 = 24 kHz
1000= reserved
1001 = 32 kHz
1010 = 44.1 kHz
1011 = 48 kHz
1100 = reserved
1101 = reserved
1110 = 88.2 kHz
1111 = 96 kHz
1010
10.4 GP filter engine
Table 86: GP1A A0L 0x2D
Bit
Mode
Symbol
Description
Reset
7:0
W
GP1A A0L
A0L bit 7:0 of A0 coefficient
00000000
Table 87: GP1A A0H 0x2E
Bit
Mode
Symbol
Description
Reset
7:0
W
GP1A A0H
A0H bit 15:8 of A0 coefficient
01000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com