Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 86Page - Renesas Technology Corp DA7210 Datasheet HTML 87Page - Renesas Technology Corp DA7210 Datasheet HTML 88Page - Renesas Technology Corp DA7210 Datasheet HTML 89Page - Renesas Technology Corp DA7210 Datasheet HTML 90Page - Renesas Technology Corp DA7210 Datasheet HTML 91Page - Renesas Technology Corp DA7210 Datasheet HTML 92Page - Renesas Technology Corp DA7210 Datasheet HTML 93Page - Renesas Technology Corp DA7210 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
90 of 118
© 2021 Renesas Electronics
Table 70: OUTMIX_R 0x1D
Bit
Mode
Symbol
Description
Reset
7
R/W
OUT_R_EN
Enable right output PGA
0 = disable
1 = enable (must be set before SC_MST_EN)
0
6
R/W
OUT_R_INV
OUTMIX right channel inversion
0 = normal
1 = invert (not active for signal routed from DAC_L)
0
5
R
Reserved
Reserved
0
4
R/W
OUT_R_DAC_R
1 = Add DAC_R
0
3
R/W
OUT_R_IN_R
1 = Add IN_R
0
2
R/W
OUT_R_IN_L
1 = Add IN_L
0
1
R/W
OUT_R_A2
1 = Add AUX2
0
0
R/W
OUT_R_A1_R
1 = Add AUX1_R
0
Table 71: OUT1_L 0x1E
Bit
Mode
Symbol
Description
Reset
7
R/W
OUT1_L_EN
Enable left OUT1 amplifier
0 = disable
1 = enable (must be set before SC_MST_EN)
0
6
R/W
OUT1_L_SE
OUT1 L single-ended mode selection
0 = differential mode
1 = single-ended mode
0
5:0
R/W
OUT1_L_VOL
OUT1 left channel volume control
000000 – 001111 = Reserved
010000 = mute
010001 = -54 dB
010010 = -52.5 dB
… continuing in 1.5 dB steps through
110101 = 0 dB (default)
to…
111111 = 15 dB
110101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com