Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 7Page - Renesas Technology Corp DA7210 Datasheet HTML 8Page - Renesas Technology Corp DA7210 Datasheet HTML 9Page - Renesas Technology Corp DA7210 Datasheet HTML 10Page - Renesas Technology Corp DA7210 Datasheet HTML 11Page - Renesas Technology Corp DA7210 Datasheet HTML 12Page - Renesas Technology Corp DA7210 Datasheet HTML 13Page - Renesas Technology Corp DA7210 Datasheet HTML 14Page - Renesas Technology Corp DA7210 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
11 of 118
© 2021 Renesas Electronics
Pin no.
Pin name
Type
(Table 2)
Description
1A
GPO
AIO
General Purpose Output
6B
AGND
VSS
Analogue GND
3D
AGND1
VSS
Analogue GND
1E
GNDCP
VSS
Digital and charge pump ground, attached to paddle
Control
5F
SO
DO
4-WIRE Data output
5G
SI
DIO
4-WIRE Data input/2-WIRE bidirectional Data
6G
SK
DI
4-WIRE/2-WIRE Clock
4F
nCS
DI
4-wire Chip select
4E
PD
DI
Power down signal (power down when high)
2B
HPS
AIO
Headphone Ground Sense
Digital Audio Interface
4G
CLK
DIO
Digital Audio bit clock
3F
WCLK
DIO
Digital Audio left/right clock
7F
DATIN
DI
Digital Audio Data input
6F
DATOUT
DO
Digital Audio Data output
7G
MCLK
DI
Master clock input
Audio inputs/outputs
6C
MICP_L
AI
Left channel differential microphone +ve input
7B
MICN_L
AI
Left channel differential microphone –ve input
7C
MICP_R
AI
Right channel differential microphone +ve input
6D
MICN_R
AI
Right channel differential microphone –ve input
5D
AUX1_L
AI
Left channel single-ended auxiliary input
6E
AUX1_R
AI
Right channel single-ended auxiliary input
7D
AUX2P
AI
2nd channel differential auxiliary +ve input
7E
AUX2N
AI
2nd channel differential auxiliary –ve input
4C
OUT1P_L
AO
Differential or single ended +ve line out left
5A
OUT1N_L
AO
Differential –ve line out left
4A
OUT1P_R
AO
Differential or single ended +ve line out right
4B
OUT1N_R
AO
Differential –ve line out right
3C
OUT2N
AO
2nd channel differential auxiliary -ve output
3B
OUT2P
AO
2nd channel differential auxiliary +ve output
1B
HP_L
AO
Left head phone amp output
2C
HP_R
AO
Right head phone amp output
Charge pump
3E
HPCF1P
PS
Head phone amp charge pump floating cap1 +ve
1F
HPCF1N
PS
Head phone amp charge pump floating cap1 –ve
2E
HPCF2P
PS
Head phone amp charge pump floating cap2 +ve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com