Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 53Page - Renesas Technology Corp DA7210 Datasheet HTML 54Page - Renesas Technology Corp DA7210 Datasheet HTML 55Page - Renesas Technology Corp DA7210 Datasheet HTML 56Page - Renesas Technology Corp DA7210 Datasheet HTML 57Page - Renesas Technology Corp DA7210 Datasheet HTML 58Page - Renesas Technology Corp DA7210 Datasheet HTML 59Page - Renesas Technology Corp DA7210 Datasheet HTML 60Page - Renesas Technology Corp DA7210 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
57 of 118
© 2021 Renesas Electronics
Table 32: Master mode PLL-DIV look up table
Input MCLK
[MHz]
PLL_DIV_H
PLL_DIV_H
PLL_DIV_H
Audio frequency
[kHz]
12.0
0xE8
0x6C
0x2
44.1 (Note 9)
12.0
0xF3
0x12
0x7
48.0 (Note 10)
13.0
0xDF
0x28
0xC
44.1 (Note 9)
13.0
0xE8
0xFD
0x5
48.0 (Note 10)
13.5
0xDB
0x0A
0xD
44.1 (Note 9)
13.5
0xE4
0x82
0x3
48.0 (Note 10)
14.4
0xD4
0x5A
0x2
44.1 (Note 9)
14.4
0xDD
0x3A
0x0
48.0 (Note 10)
19.2
0xBB
0x43
0x9
44.1 (Note 9)
19.2
0xC1
0xEB
0x8
48.0 (Note 10)
19.68
0xB9
0x6D
0xA
44.1 (Note 9)
19.68
0xBF
0xEC
0x0
48.0 (Note 10)
19.8
0xB8
0xFB
0xB
44.1 (Note 9)
19.8
0xBF
0x70
0x0
48.0 (Note 10)
Note 9
Including harmonics such as 11.025, 22.05 and 88.2 kHz sample rates.
Note 10 Including audio frequencies such as 8.0, 12.0, 16.0, 32.0, 24.0, 36.0, 48.0, 96.0 kHz sample rates.
Table 33: SRM mode PLL-DIV look up table
Input MCLK
[MHz]
PLL_DIV_H
PLL_DIV_M
PLL_DIV_L
0.032768
0xD4
0x99
0x0
12.0
0xED
0xBF
0x5
13.0
0xE4
0x13
0x0
13.5
0xDF
0xC6
0x8
14.4
0xD8
0xCA
0x1
19.2
0xBE
0x97
0x9
19.68
0xBC
0xAC
0xD
19.8
0xBC
0x35
0xE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com