Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7210
Description  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 35Page - Renesas Technology Corp DA7210 Datasheet HTML 36Page - Renesas Technology Corp DA7210 Datasheet HTML 37Page - Renesas Technology Corp DA7210 Datasheet HTML 38Page - Renesas Technology Corp DA7210 Datasheet HTML 39Page - Renesas Technology Corp DA7210 Datasheet HTML 40Page - Renesas Technology Corp DA7210 Datasheet HTML 41Page - Renesas Technology Corp DA7210 Datasheet HTML 42Page - Renesas Technology Corp DA7210 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
39 of 118
© 2021 Renesas Electronics
● OUT1_R_VOL: 0x1f[5:0]
To enable volume balance settings the gain of the headphone buffers can be programmed
independently for both channels by controls HP_L_VOL (addresses 0x21, and HP_R_VOL
(addresses 0x22, Table 75) according to Table 23. The gain steps are 1.5 dB from +15 dB down
to -54 dB, and mute for the steps below -54 dB. Alternatively the channels’ gain settings can be
combined with bit STEREO_TRACK (address 0x23, Table 76) and controlled for both channels with
volume register HP_R_VOL (address 0x22, Table 75).
For smooth volume changes the gain update can be synchronised to audio signal zero-crossings by
enabling HPZX_L_EN and HPZX_R_EN (address 0x24, Table 77). If no zero-crossing is detected
within 2048 sample periods, the gain change is applied unconditionally. The left and right channels
are synchronised independently.
The headphone outputs are supported by DC offset compensation circuitry to minimise any possible
pop and click artefacts during power up/down. To ensure sufficient time for the DC compensation
circuitry to operate, a delay of 200 ms must be added after SC_MST_EN (address 0x03, Table 45)
bit is enabled.
8.2.5
Ambient noise suppression
DA7210 supports stereo noise suppression by subtracting inverted noise signals from the AUX1
inputs at the headphone outputs. The noise signal must pass through the input PGA, be inverted and
then mixed with the outputs from the DAC. The signal at the AUX1 inputs for example, can be from
microphones picking up ambient noise at the user’s ears.
This mode is enabled via control NOISE_SUP (address 0x01 CONTROL, Table 43) and then offers a
modified headphones volume control via a combination of three gain stages:
a)
Headphones gain settings > 0 dB
All headphone gains settings > 0 dB will be applied to the headphone PGA, but the equivalent gain
will be synchronously subtracted from the input PGA to equalise the overall net gain in the ambient
noise signal path.
For sufficient range of operation, the starting values of INPGA_L_VOL and INPGA_R_VOL (address
0x0C, must be configured >= 10.5 dB (settings 1010 to 1111) before enabling the noise suppression
mode.
b)
Headphones gain settings <= 0 dB
When DAC is selected to the headphone output any update of the gain less than or equal to 0 dB,
using controls HP_L_VOL/HP_R_VOL (address 0x21, Table 74 and address 0x22, Table 75), will be
implemented instead using the controls DAC_L_GAIN and DAC_R_GAIN (address 0x15, Table 62
and address 0x16, Table 63). If this were not the case then a large signal on AUX1 could cause
clipping at the headphone output.
For the ambient noise signals from the AUX1 path all headphones gain changes <= 0 dB will be
implemented using the settings of AUX1_L_VOL and AUX1_R_VOL (address 0x09, Table 50). To
allow the full minimum headphone volume of -54 dB, these AUX1_L_VOL and AUX1_R_VOL
controls need to be set to >= 6 dB (setting > 110101) before enabling the noise suppression mode.
NOTE – The ALC has to be disabled during noise suppression mode and it is recommended to
enable zero-crossing for gain updates at the headphone amplifier and the AUX1 PGA (see the
register ZEROX (address 0x24, Table 77)). Headphone volume changes should enable digital gain
ramping for DAC playback. The controls INPGA_L_VOL, INPGA_R_VOL, AUX1_L_VOL,
AUX1_R_VOL, DAC_L_GAIN, and DAC_R_GAIN should not be written to when noise suppression is
enabled.
8.2.6
Digital signal processing engine
The digital signal processing engine includes a configurable audio processor that offers flexible
routing and extensive audio enhancement and effects. Linear phase FIR filters perform the
interpolation and decimation for the required sigma-delta sample rates. Configurable high-pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com