Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 5 Page - Renesas Technology Corp

  DA9130 Datasheet HTML 1Page - Renesas Technology Corp DA9130 Datasheet HTML 2Page - Renesas Technology Corp DA9130 Datasheet HTML 3Page - Renesas Technology Corp DA9130 Datasheet HTML 4Page - Renesas Technology Corp DA9130 Datasheet HTML 5Page - Renesas Technology Corp DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
5 of 45
© 2022 Renesas Electronics
5.1.3
Serialization ......................................................................................................... 39
6
Package Information ................................................................................................................... 40
6.1
Package Outlines ................................................................................................................ 40
6.2
Package Marking ................................................................................................................ 41
6.3
Moisture Sensitivity Level.................................................................................................... 41
6.4
Soldering Information .......................................................................................................... 41
7
Ordering Information .................................................................................................................. 42
8
Application Information .............................................................................................................. 42
8.1
Capacitor Selection ............................................................................................................. 42
8.2
Inductor Selection ............................................................................................................... 43
Table of Figures
Figure 1: Simplified Schematic Diagram ............................................................................................... 2
Figure 2: Typical Application Diagram (Port Control) ............................................................................ 2
Figure 3: Typical Application Diagram (I2C Control).............................................................................. 3
Figure 4: DA9130 Pinout Diagram (Bottom View)................................................................................. 8
Figure 5: Power Derating Curve .......................................................................................................... 10
Figure 6: DA9130 Efficiency, PWM Mode with no Phase Shedding ................................................... 16
Figure 7: DA9130 Efficiency, Auto Mode with Phase Shedding ......................................................... 16
Figure 8: Buck Output Voltage Control Concept ................................................................................. 18
Figure 9: Thermal Protection Operation .............................................................................................. 19
Figure 10: Interrupt Operation Example .............................................................................................. 21
Figure 11: I2C START and STOP Condition Timing............................................................................ 24
Figure 12: I2C Byte Write (SDA Line) .................................................................................................. 25
Figure 13: I2C Byte Read (SDA Line) Examples ................................................................................. 25
Figure 14: Package Outline Drawing................................................................................................... 40
Table of Tables
Table 1: Pin Description ........................................................................................................................ 8
Table 2: Pin Type Definition .................................................................................................................. 9
Table 3: Absolute Maximum Ratings..................................................................................................... 9
Table 4: Recommended Operating Conditions ..................................................................................... 9
Table 5: Package Ratings ................................................................................................................... 10
Table 6: Power Dissipation.................................................................................................................. 10
Table 7: ESD Characteristics .............................................................................................................. 11
Table 8: Buck Electrical Characteristics .............................................................................................. 11
Table 9: Electrical Characteristics ....................................................................................................... 13
Table 10: Digital I/O Electrical Characteristics .................................................................................... 14
Table 11: I2C Electrical Characteristics .............................................................................................. 14
Table 12: Thermal Protection Control Registers ................................................................................. 18
Table 13: Interrupt List......................................................................................................................... 19
Table 14: Interrupt Registers Except for Power Good Status ............................................................. 21
Table 15: Interrupt Registers for Power Good and Temp Warning Status ......................................... 21
Table 16: GPIO Pin Assignment ......................................................................................................... 22
Table 17: GPIO Function Configuration .............................................................................................. 22
Table 18: GPIO0-Configurable Registers when CONF_EN = 1 ......................................................... 23
Table 19: Register Map ....................................................................................................................... 26
Table 20: SYS_STATUS_0 (0x0001) .................................................................................................. 28
Table 21: SYS_STATUS_1 (0x0002) .................................................................................................. 28
Table 22: SYS_STATUS_2 (0x0003) .................................................................................................. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com