Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp DA9130 Datasheet HTML 10Page - Renesas Technology Corp DA9130 Datasheet HTML 11Page - Renesas Technology Corp DA9130 Datasheet HTML 12Page - Renesas Technology Corp DA9130 Datasheet HTML 13Page - Renesas Technology Corp DA9130 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
10 of 45
© 2022 Renesas Electronics
3.3
Thermal Characteristics
3.3.1
Thermal Ratings
Table 5: Package Ratings
Parameter
Description
Conditions
Min
Typ
Max
Unit
JA
Package thermal
resistance
Note 1
21.21
°C/W
JB
Thermal resistance
junction to board
Note 1
12.37
°C/W
JC
Thermal resistance
junction to case
Without PCB
32
°C/W
Note 1
Obtained from package thermal simulations, JEDEC 2S2P four layer board (76.2 mm x 114 mm x
1.6
mm), 70 μm (2 oz) copper thickness power planes, 35 μm (1 oz) copper thickness signal layer
traces, natural convection (still air), see Section 6.1.
3.3.2
Power Dissipation
Table 6: Power Dissipation
Parameter
Description
Conditions
Min
Typ
Max
Unit
PD_Twarn
Power
dissipation
@105 °C ambient,
TJ_WARN
0.94
W
PD_Tcrit
Power
dissipation
@105 °C ambient,
TCRIT
1.41
1.65
W
PD_70
Power
dissipation
@70°C ambient
2.43
W
Figure 5: Power Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com