Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 19Page - Renesas Technology Corp DA9130 Datasheet HTML 20Page - Renesas Technology Corp DA9130 Datasheet HTML 21Page - Renesas Technology Corp DA9130 Datasheet HTML 22Page - Renesas Technology Corp DA9130 Datasheet HTML 23Page - Renesas Technology Corp DA9130 Datasheet HTML 24Page - Renesas Technology Corp DA9130 Datasheet HTML 25Page - Renesas Technology Corp DA9130 Datasheet HTML 26Page - Renesas Technology Corp DA9130 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
23 of 45
© 2022 Renesas Electronics
GPIO<x>_MODE[3:0]
Function
IO Condition
4’hF
High level
Out
4.2.3.3
Chip Configuration Select (CONF)
GPIO0 functions as chip configuration select (CONF) input when CONF_EN = 1.
Three different chip configurations can be selected according to the CONF pin level, whether it is
HIGH, LOW, or Hi-Z. Table 18 lists the device configurations that can be modified if CONF_EN = 1.
Table 18: GPIO0-Configurable Registers when CONF_EN = 1
Register Name
Description
IF_SLAVE_ADDR[6:0]
I2C slave address
CH1_A_MODE[1:0]
CH1_A Operation mode select
CH1_B_MODE[1:0]
CH1_B Operation mode select
CH1_VSEL
CH1 output voltage and operation selection
CH1_EN
CH1 enable
CH1_A_VOUT[7:0]
CH1 output voltage setting A
CH1_B_VOUT[7:0]
CH1 output voltage setting B
M_PG1_STAT
IRQ mask setting for CH1 power good status
M_VR_HOT
IRQ mask setting for temp warning status
GPIO1_MODE[3:0]
GPIO1 mode setting
GPIO2_MODE[3:0]
GPIO2 mode setting
GPIO1_OBUF
GPIO1 output buffer select
GPIO2_OBUF
GPIO2 output buffer select
GPIO1_TRIG[1:0]
GPIO1 input trigger select
GPIO1_POL
GPIO1 polarity select
GPIO1_PUPD
GPIO1 pull-up/pull-down enable
GPIO1_DEB[1:0]
GPIO1 input debounce time setting
GPIO1_DEB_RISE
GPIO1 input debounce rising edge enable
GPIO1_DEB_FALL
GPIO1 input debounce falling edge enable
GPIO2_TRIG[1:0]
GPIO2 input trigger select
GPIO2_POL
GPIO2 polarity select
GPIO2_PUPD
GPIO2 pull-up/pull-down enable
GPIO2_DEB[1:0]
GPIO2 input debounce time setting
GPIO2_DEB_RISE
GPIO2 input debounce rising edge enable
GPIO2_DEB_FALL
GPIO2 input debounce falling edge enable
4.3
Operating Modes
4.3.1
ON
DA9130 is ON when the IC_EN port is higher than VIH_EN and the supply voltage is higher than
VTHR_POR. Once enabled, the host processor can start communicating with DA9130 using the control
interface, after the tIC_EN delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com