Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 10Page - Renesas Technology Corp DA9130 Datasheet HTML 11Page - Renesas Technology Corp DA9130 Datasheet HTML 12Page - Renesas Technology Corp DA9130 Datasheet HTML 13Page - Renesas Technology Corp DA9130 Datasheet HTML 14Page - Renesas Technology Corp DA9130 Datasheet HTML 15Page - Renesas Technology Corp DA9130 Datasheet HTML 16Page - Renesas Technology Corp DA9130 Datasheet HTML 17Page - Renesas Technology Corp DA9130 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
14 of 45
© 2022 Renesas Electronics
3.6
Digital IO Characteristics
Table 10: Digital I/O Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VIH_EN
Input high voltage, IC
enable
1.2
AVDD
V
VIL_EN
Input low voltage, IC enable
0.4
V
tIC_EN
IC enable time
1000
μs
VIH_GPIO_SCL_SDA
Input high voltage
GPIO, SCL, SDA
1.2
AVDD
V
VIL_GPIO_SCL_SDA
Input low voltage
GPIO, SCL, SDA
0.4
V
VOH_GPIO
Output high voltage
GPIO
Push-pull mode
IOUT = 1 mA
0.8*AV
DD
AVDD
V
VOL_GPIO
Output low voltage
GPIO
Push-pull mode
IOUT = 1 mA
0.2*AV
DD
V
VOL_SDA
Output low voltage
SDA
IOUT = 3 mA
0.24
V
RPD
GPIO pull-down resistor
VSYS = 3.7 V
Note 1
9
15
24
kΩ
RPU
GPIO pull-up resistor
VSYS = 3.7 V
Note 1
28
45
70
kΩ
Note 1
Resistance may have greater variation, depending on voltage and temperature.
3.7
Timing Characteristics
Table 11: I2C Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
tBUS
Bus free time between a
STOP and START condition
0.5
μs
CBUS
Bus line capacitive load
150
pF
fSCL
SCL clock frequency
20
Note 1
1000
kHz
tLO_SCL
SCL low time
0.5
μs
tHI_SCL
SCL high time
0.26
μs
tRISE
SCL and SDA rise time
Requirement for input
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com