Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 18Page - Renesas Technology Corp DA9130 Datasheet HTML 19Page - Renesas Technology Corp DA9130 Datasheet HTML 20Page - Renesas Technology Corp DA9130 Datasheet HTML 21Page - Renesas Technology Corp DA9130 Datasheet HTML 22Page - Renesas Technology Corp DA9130 Datasheet HTML 23Page - Renesas Technology Corp DA9130 Datasheet HTML 24Page - Renesas Technology Corp DA9130 Datasheet HTML 25Page - Renesas Technology Corp DA9130 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
22 of 45
© 2022 Renesas Electronics
4.2.3
GPIO
4.2.3.1
GPIO Pin Assignment
The DA9130 provides up to five GPIO pins, three if the I2C is enabled, see Table 16. These registers
are OTP programmable. When CONF_EN = 1 GPIO0 can be used for chip configuration.
Any register settings for GPIO3 and GPIO4 are ignored and GPIO3 and GPIO4 function as SCL and
SDA respectively if I2C_EN = 1.
Table 16: GPIO Pin Assignment
OTP Option
GPIO Pin
Available
GPIOs
I2C_EN
CONF_EN
CONF/
GPIO0
GPIO1
GPIO2
SCL/
GPIO3
SDA/
GPIO4
1’b0
1’b0
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
5
1’b1
CONF
GPIO1
GPIO2
GPIO3
GPIO4
4
1’b1
1’b0
GPIO0
GPIO1
GPIO2
SCL
SDA
3
1’b1
CONF
GPIO1
GPIO2
SCL
SDA
2
4.2.3.2
GPIO Function
The GPIOs pins are configurable as the following functions in register GPIO<x>_MODE (x = 0 to 4):
● Buck1 enable input (EN1)
● Buck1 DVC control input (DVC1)
● Buck1 OTP setting reload input (RELOAD)
● Buck1 power good output (PG1)
● System good output (SG)
● Interrupt output (nIRQ)
Table 17: GPIO Function Configuration
GPIO<x>_MODE[3:0]
Function
IO Condition
4’h0
GPIO disable
HiZ
4’h1
EN1
In
4’h2
Reserved
In
4’h3
Reserved
In
4’h4
DVC1
In
4’h5
Reserved
In
4’h6
Reserved
In
4’h7
RELOAD
In
4’h8
PG1
Out
4’h9
Reserved
Out
4’hA
Reserved
Out
4’hB
SG
Out
4’hC
nIRQ
Out
4’hD
Reserved
HiZ
4’hE
Low level
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com