Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 13Page - Renesas Technology Corp DA9130 Datasheet HTML 14Page - Renesas Technology Corp DA9130 Datasheet HTML 15Page - Renesas Technology Corp DA9130 Datasheet HTML 16Page - Renesas Technology Corp DA9130 Datasheet HTML 17Page - Renesas Technology Corp DA9130 Datasheet HTML 18Page - Renesas Technology Corp DA9130 Datasheet HTML 19Page - Renesas Technology Corp DA9130 Datasheet HTML 20Page - Renesas Technology Corp DA9130 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
17 of 45
© 2022 Renesas Electronics
4
Functional Description
4.1
DC-DC Buck Converter
DA9130 operates as a single-channel dual-phase buck converter capable of delivering up to 10 A
output current at a 0.3 V to 1.9 V output voltage range.
The buck converter has two voltage registers. One defines the normal output voltage, while the other
offers an alternative retention voltage. In this way, different application power modes can easily be
supported. The voltage selection can be operated either via GPI or via control interface to guarantee
the maximum flexibility according to the specific host processor status in the application.
When a buck is enabled, its output voltage is monitored and a power good signal indicates that the
buck output voltage has reached a level higher than the VTHR_PG_HYS threshold. The power good
status is lost when the voltage drops below VTHR_PG_DWN or increases above VTHR_HV. The status of the
power good indicator can be read back via I2C from the PG1 status bit. It can be also individually
assigned to any of the GPIOs by setting the GPIO mode registers to PG1 output.
The buck converter is capable of supporting DVC transitions that occur when:
● the active and selected A- or B-voltage is updated to a new target value
● the voltage selection is changed from the A- to B-voltage (or B- to A-voltage) using CH1_VSEL
The DVC controller operates in pulse width modulation (PWM) mode with synchronous rectification.
The slew rate of the DVC transition is programmed at 10 mV per 8 µs, 4 µs, 2 µs, 1 µs, or 0.5 µs in
register bits CH1_SR_DVC.
A pull-
down resistor (typically 150 Ω) for each phase is always activated unless it is disabled by
setting register bits CH1_PD_DIS to 1.
4.1.1
Switching Frequency
The buck switching frequency, nominally 4 MHz, can be tuned using register bit OSC_TUNE. The
internal 8 MHz oscillator frequency is tuned in ±160 kHz steps. This impacts the buck converter
frequency in steps of 80 kHz and helps to mitigate possible disturbances to other high frequency
systems in the application.
4.1.2
Operation Modes and Phase Selection
The buck converters can operate in PWM and PFM modes. The operating mode is selected using
register bits CH1_<A or B>_MODE.
Phase shedding automatically changes between 1- and 2-phase operation at a typical current of
2.0 A.
If the automatic operation mode is selected on CH1_<A or B>_MODE, the buck converter
automatically changes between synchronous PWM mode and PFM depending on the load current.
This improves the efficiency across the whole range of output load currents.
4.1.3
Output Voltage Selection
The switching converter can be configured using the I2C interface.
Two output voltages can be pre-configured in registers CH1_<A or B>_VOUT. The output voltage
can be selected by either toggling register bit CH1_VSEL or by re-programming the selected voltage
control register. Both changes will result in ramped voltage transitions. After being enabled, the buck
converter will, by default, use the register settings in CH1_A_VOUT unless the output voltage
selection is configured via the GPI port.
Registers CH1_VMAX limit the output voltage that can be set for each of the respective buck
converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com