Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 1 Page - Renesas Technology Corp

  DA9130 Datasheet HTML 1Page - Renesas Technology Corp DA9130 Datasheet HTML 2Page - Renesas Technology Corp DA9130 Datasheet HTML 3Page - Renesas Technology Corp DA9130 Datasheet HTML 4Page - Renesas Technology Corp DA9130 Datasheet HTML 5Page - Renesas Technology Corp DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
1 of 45
© 2022 Renesas Electronics
General Description
DA9130 is a power management IC (PMIC) suitable for supplying CPUs, GPUs, DDR memory rails
in single in-line pin package (SIPP) modules, mobile, portable and consumer applications.
DA9130 operates as a single-channel dual-phase buck converter, each phase requiring a small
external 0.22 µH inductor. It is capable of delivering up to 10 A output current at a 0.3 V to 1.9 V
output voltage range. The 2.8 V to 5.5 V input voltage range is suitable for a wide variety of low-
voltage systems.
With remote sensing, the DA9130 guarantees the highest accuracy and supports multiple PCB
routing scenarios without loss of performance.
The pass devices are fully integrated, so no external FETs or Schottky diodes are needed.
A programmable soft start-up can be enabled, which limits the inrush current from the input node and
secures a slope-controlled rail activation.
The dynamic voltage control (DVC) supports adaptive adjustment of the supply voltage dependent on
the processor load, via either a direct register write using the communication interface (I2C-
compatible) or with a programmable input pin.
A configurable GPI allows multiple I2C address selection for multiple instances of DA9130 in the
same application.
DA9130 has integrated over-temperature and over-current protection for increased system reliability,
without the need for external sensing components.
Key Features
■ 2.8 V to 5.5 V input voltage
■ 0.3 V to 1.9 V output voltage
■ Up to 10 A output current
■ 4 MHz nominal switching frequency
■ Dual-phase operation
■ 220 nH inductor per phase
■ 20 µF output capacitor
■ ±1 % output voltage accuracy (static)
■ ±5 % load transient (dynamic)
■ Programmable GPIOs
■ Programmable soft startup
■ I2C-compatible interface (FM+)
■ Voltage, current, and temperature
supervision
■ 24-pin FCQFN package, wettable flanks
(nom. 3.3 mm x 4.8 mm)
■ 218 mm² total solution area
■ -40 °C to +105 ºC ambient temperature
range
■ AEC-Q100 Grade 2 qualified version also
available for Automotive applications
(DA9130-A)
Benefits
■ High Efficiency buck converters deliver outstanding thermal performance
■ Fully integrated switching FET’s means no external FETs or Schottky diodes are required
■ Remote sensing guarantees the highest accuracy and supports multiple PCB routing scenarios
without loss of performance.
■ Fully programmable soft-start limits the inrush current from the input to give a slope-controlled
output voltage.
■ Dynamic voltage control (DVC) enables adaptive adjustment of the device output voltage
depending on the load. This increases efficiency when the downstream circuitry enters low power
or idle mode, resulting in power savings.
■ Configurable GPIOs support a range of features including I2C, DVC and Power-Good indicator.


Similar Part No. - DA9130

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9130 DIALOG-DA9130 Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9130 RENESAS-DA9130 Datasheet
998Kb / 47P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
July 01, 2025
logo
Dialog Semiconductor
DA9130-A DIALOG-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9130-A RENESAS-DA9130-A Datasheet
975Kb / 45P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
14-Apr-2022
DA9130-A RENESAS-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
July 01, 2025
More results

Similar Description - DA9130

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9121 DIALOG-DA9121 Datasheet
1Mb / 50P
High-Performance, 10 A, Dual-Phase DC-DC Converter
DA9130 DIALOG-DA9130 Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
DA9130-A DIALOG-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9217 DIALOG-DA9217 Datasheet
1Mb / 48P
High-Performance Dual-Phase DC-DC Converter
logo
Renesas Technology Corp
DA9121 RENESAS-DA9121 Datasheet
1Mb / 53P
High-Performance, 10 A, Dual-Phase DC-DC Converter
15-Feb-2022
DA9130-A RENESAS-DA9130-A Datasheet
975Kb / 45P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
14-Apr-2022
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com