Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 20Page - Renesas Technology Corp DA9130 Datasheet HTML 21Page - Renesas Technology Corp DA9130 Datasheet HTML 22Page - Renesas Technology Corp DA9130 Datasheet HTML 23Page - Renesas Technology Corp DA9130 Datasheet HTML 24Page - Renesas Technology Corp DA9130 Datasheet HTML 25Page - Renesas Technology Corp DA9130 Datasheet HTML 26Page - Renesas Technology Corp DA9130 Datasheet HTML 27Page - Renesas Technology Corp DA9130 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
24 of 45
© 2022 Renesas Electronics
4.3.2
OFF
DA9130 is OFF when the IC_EN port is lower than VIL_EN. In OFF, the bucks are always disabled and
LX nodes are pulled down by (typically 150 Ω) internal pull-down resistors.
4.4
I2C Communication
All features of DA9130 can be controlled with the I2C interface which is enabled or disabled in
register I2C_EN.
I2C_EN
Description
0
I2C disable: SCL/GPIO3 and SDA/GPIO4 pins can be used as GPIO
1
I2C enable: SCL/GPIO3 and SDA/GPIO4 pins are used as I2C clock input and I2C data
input/output.
GPIO3 functions as the I2C clock and GPIO4 carries all the power manager bidirectional I2C data.
The I2C interface is open-drain supporting multiple devices on a single line. The bus lines have to be
pulled high by external pull-up resistors (2
kΩ to 20 kΩ). The standard frequency of the I2C bus is
1 MHz in fast-mode plus (FM+), 400 kHz in fast-mode, or 100 kHz in standard mode.
4.4.1
I2C Protocol
All data is transmitted across the I2C bus in eight-bit groups. To send a bit, the SDA line is driven
towards the intended state while the SCL is low (a low SDA indicates a zero bit). Once the SDA has
settled, the SCL line is brought high and then low. This pulse on SCL clocks the SDA bit into the
receiver’s shift register.
A two-byte serial protocol is used containing one byte for address and one byte data. Data and
address transfer are transmitted MSB first for both read and write operations. All transmissions begin
with the START condition from the master while the bus is in idle state (the bus is free). It is initiated
by a high to low transition on the SDA line while the SCL is in the high state (a STOP condition is
indicated by a low to high transition on the SDA line while the SCL is in the high state).
SCL
SDA
Figure 11: I2C START and STOP Condition Timing
The I2C bus is monitored for a valid slave address whenever the interface is enabled. It responds
immediately when it receives its own slave address. The acknowledge is done by pulling the SDA
line low during the following clock cycle (white blocks marked with A in Figure 12 and Figure 13).
The protocol for a register write from master to slave consists of a START condition, a slave address
with read/write bit, and the eight-bit register address followed by eight bits of data, terminated by a
STOP condition. DA9130 responds to all bytes with acknowledge (A), see Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com