Electronic Components Datasheet Search
  English  ▼

X  

DA9130 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 4Page - Renesas Technology Corp DA9130 Datasheet HTML 5Page - Renesas Technology Corp DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp DA9130 Datasheet HTML 10Page - Renesas Technology Corp DA9130 Datasheet HTML 11Page - Renesas Technology Corp DA9130 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
8 of 45
© 2022 Renesas Electronics
2
Pinout
Figure 4: DA9130 Pinout Diagram (Bottom View)
Table 1: Pin Description
Pin #
Pin Name
Type (Table 2)
Drive
per pin
(mA)
Description
1, 2
PVDD1
PS
5000
Supply for Ch1
3
SCL/GPIO3
DIO
15
SCL
4
FB1N
AI
10
Negative feedback for Ch 1
5
FB1P
AI
10
Positive feedback for Ch 1
6
SDA/GPIO4
DIO
15
SDA
7
IC_EN
DI
10
IC enable.
8
AVDD
PS
10
Analog supply
9
AGND
PS
10
Analog ground
10
CONF/GPIO0
DIO
10
GPIO
11
GPIO1
DIO
10
GPIO
12
FB2P
AI
10
Positive feedback for Ch 2
13
FB2N
AI
10
Negative feedback for Ch 2
14
GPIO2
DIO
10
GPIO
15, 16
PVDD2
PS
5000
Supply for Ch2
17, 18
LX2
AO
5000
Buck output of Ch 2
19, 20, 21, 22
PGND
PS
5000
Power ground
23, 24
LX1
AO
5000
Buck output of Ch 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com