Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 43Page - NXP Semiconductors 80C52 Datasheet HTML 44Page - NXP Semiconductors 80C52 Datasheet HTML 45Page - NXP Semiconductors 80C52 Datasheet HTML 46Page - NXP Semiconductors 80C52 Datasheet HTML 47Page - NXP Semiconductors 80C52 Datasheet HTML 48Page - NXP Semiconductors 80C52 Datasheet HTML 49Page - NXP Semiconductors 80C52 Datasheet HTML 50Page - NXP Semiconductors 80C52 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
47
/*
##
as31 version V2.10
/ *js* /
##
##
##
source file:
idd_ljmp1.asm
##
list file:
idd_ljmp1.lst
created Fri Apr 20 15:51:40 2001
##
##########################################################
#0000
# AUXR
equ 08Eh
#0000
# CKCON equ 08Fh
#
#
#0000
# org 0
#
# LJMP_LABEL:
0000 /75;/8E;/01;
#
MOV
AUXR,#001h
; turn off ALE
0003 /02;/FF;/FD;
#
LJMP
LJMP_LABEL
; jump to end of address space
0005 /00;
#
NOP
#
#FFFD
# org 0fffdh
#
# LJMP_LABEL:
#
FFFD /02;/FD;FF;
#
LJMP LJMP_LABEL
# ;
NOP
#
#
*/”
SU01499
Figure 35. Source code used in measuring IDD operational



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com