Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 34Page - NXP Semiconductors 80C52 Datasheet HTML 35Page - NXP Semiconductors 80C52 Datasheet HTML 36Page - NXP Semiconductors 80C52 Datasheet HTML 37Page - NXP Semiconductors 80C52 Datasheet HTML 38Page - NXP Semiconductors 80C52 Datasheet HTML 39Page - NXP Semiconductors 80C52 Datasheet HTML 40Page - NXP Semiconductors 80C52 Datasheet HTML 41Page - NXP Semiconductors 80C52 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
38
DC ELECTRICAL CHARACTERISTICS
Tamb = 0 °C to +70 °C or –40 °C to +85 °C; VCC = 2.7 V to 5.5 V; VSS = 0 V (16 MHz max. CPU clock)
SYMBOL
PARAMETER
TEST
CONDITIONS
LIMITS
UNIT
MIN
TYP1
MAX
VIL
Input low voltage11
4.0 V < VCC < 5.5 V
–0.5
0.2 VCC–0.1
V
2.7 V < VCC < 4.0 V
–0.5
0.7 VCC
V
VIH
Input high voltage (ports 0, 1, 2, 3, EA)
–
0.2 VCC+0.9
VCC+0.5
V
VIH1
Input high voltage, XTAL1, RST11
–
0.7 VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 8
VCC = 2.7 V; IOL = 1.6 mA2
–
0.4
V
VOL1
Output low voltage, port 0, ALE, PSEN8, 7
VCC = 2.7 V; IOL = 3.2 mA2
–
0.4
V
VOH
Output high voltage, ports 1, 2, 3 3
VCC = 2.7 V; IOH = –20 mA
VCC – 0.7
–
V
VCC = 4.5 V; IOH = –30 mA
VCC – 0.7
–
V
VOH1
Output high voltage (port 0 in external bus
mode), ALE9, PSEN3
VCC = 2.7 V; IOH = –3.2 mA
VCC – 0.7
–
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.4 V
–1
–50
mA
ITL
Logical 1-to-0 transition current, ports 1, 2, 36
VIN = 2.0 V; See note 4
–
–650
mA
ILI
Input leakage current, port 0
0.45 < VIN < VCC – 0.3
–
±10
mA
ICC
Power supply current (see Figure 34 and
Source Code):
Active mode @ 16 MHz
mA
Idle mode @ 16 MHz
mA
Power-down mode or clock stopped
(see Figure 30 for conditions) 12
Tamb = 0 °C to 70 °C
2
30
mA
Tamb = –40 °C to +85 °C
3
50
mA
VRAM
RAM keep-alive voltage
–
1.2
V
RRST
Internal reset pull-down resistor
–
40
225
k
Ω
CIO
Pin capacitance10 (except EA)
–
–
15
pF
NOTES:
1. Typical ratings are not guaranteed. Values listed are based on tests conducted on limited number of samples at room temperature.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is
due to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations.
In the worst cases (capacitive loading > 100 pF), the noise pulse on the ALE pin may exceed 0.8 V. In such cases, it may be desirable to
qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided
that no single output sinks more than 5 mA and no more than two outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the VCC–0.7 specification when the
address bits are stabilizing.
4. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2 V.
5. See Figures 36 through 39 for ICC test conditions and Figure 34 for ICC vs. Frequency
12-clock mode characteristics:
Active mode (operating):
ICC = 1.0 mA + 0.9 mA × FREQ.[MHz]
Active mode (reset):
ICC = 7.0 mA + 0.5 mA x FREQ.[MHz]
Idle mode:
ICC = 1.0 mA + 0.18 mA x FREQ.[MHz]
6. This value applies to Tamb = 0 °C to +70 °C. For Tamb = –40 °C to +85 °C, ITL = –750 mA.
7. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
8. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15 mA (*NOTE: This is 85
°C specification.)
Maximum IOL per 8-bit port:
26 mA
Maximum total IOL for all outputs:
71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
9. ALE is tested to VOH1, except when ALE is off then VOH is the voltage specification.
10. Pin capacitance is characterized but not tested. Pin capacitance is less than 25 pF. Pin capacitance of ceramic package is less than 15 pF
(except EA is 25 pF).
11. To improve noise rejection a nominal 100 ns glitch rejection circuitry has been added to the RST pin, and a nominal 15 ns glitch rejection
circuitry has been added to the INT0 and INT1 pins. Previous devices provided only an inherent 5 ns of glitch rejection.
12. Power down mode for 3 V range: Commercial Temperature Range – typ: 0.5
mA, max. 20 mA; Industrial Temperature Range – typ. 1.0 mA,
max. 30
mA;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com