Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 15Page - NXP Semiconductors 80C52 Datasheet HTML 16Page - NXP Semiconductors 80C52 Datasheet HTML 17Page - NXP Semiconductors 80C52 Datasheet HTML 18Page - NXP Semiconductors 80C52 Datasheet HTML 19Page - NXP Semiconductors 80C52 Datasheet HTML 20Page - NXP Semiconductors 80C52 Datasheet HTML 21Page - NXP Semiconductors 80C52 Datasheet HTML 22Page - NXP Semiconductors 80C52 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
19
TR2
Control
TL2
(8 bits)
TH2
(8 bits)
TF2
RCAP2L
RCAP2H
EXEN2
Control
EXF2
Timer 2
Interrupt
T2EX Pin
Transition
Detector
Capture
SU01622
C/T2 = 0
C/T2 = 1
*n = 6 in 6-clock mode; n = 12 in 12-clock mode.
OSC
÷ n*
T2 Pin
Figure 7. Timer 2 in Capture Mode
Not Bit Addressable
Symbol
Position
Function
—
Not implemented, reserved for future use.*
T2OE
T2MOD.1
Timer 2 Output Enable bit.
DCEN
T2MOD.0
Down Count Enable bit. When set, this allows Timer 2 to be configured as an up/down
counter.
—
—
—
—
—
—
T2OE
DCEN
SU01519
76
54
32
1
0
*
User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features.
In that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
T2MOD
Address = 0C9H
Reset Value = XXXX XX00B
Figure 8. Timer 2 Mode (T2MOD) Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com