Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 5 Page - NXP Semiconductors

  80C52 Datasheet HTML 1Page - NXP Semiconductors 80C52 Datasheet HTML 2Page - NXP Semiconductors 80C52 Datasheet HTML 3Page - NXP Semiconductors 80C52 Datasheet HTML 4Page - NXP Semiconductors 80C52 Datasheet HTML 5Page - NXP Semiconductors 80C52 Datasheet HTML 6Page - NXP Semiconductors 80C52 Datasheet HTML 7Page - NXP Semiconductors 80C52 Datasheet HTML 8Page - NXP Semiconductors 80C52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
5
PART NUMBER DERIVATION
Memory
Temperature Range
Package
P87C51X2
7 =
OTP
0 =
ROM or
ROMless
5 = ROM/OTP
3 = ROMless
1 =
128 BYTES RAM
4 KBYTES ROM/OTP
2 =
256 BYTES RAM
8 KBYTES ROM/OTP
4 =
256 BYTES RAM
16 KBYTES ROM/OTP
8 =
256 BYTES RAM
32 KBYTES ROM/OTP
X2 = 6-clock
mode available
B = 0
°C TO +70 °C
F = –40
°C TO +85 °C
A = PLCC
N = DIP
BD = LQFP
DH = TSSOP
The following table illustrates the correlation between operating mode, power supply and maximum external clock frequency:
Operating Mode
Power Supply
Maximum Clock Frequency
6-clock
5 V
± 10%
30 MHz
6-clock
2.7 V to 5.5 V
16 MHz
12-clock
5 V
± 10%
33 MHz
12-clock
2.7 V to 5.5 V
16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com