Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 22Page - NXP Semiconductors 80C52 Datasheet HTML 23Page - NXP Semiconductors 80C52 Datasheet HTML 24Page - NXP Semiconductors 80C52 Datasheet HTML 25Page - NXP Semiconductors 80C52 Datasheet HTML 26Page - NXP Semiconductors 80C52 Datasheet HTML 27Page - NXP Semiconductors 80C52 Datasheet HTML 28Page - NXP Semiconductors 80C52 Datasheet HTML 29Page - NXP Semiconductors 80C52 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
26
80C51 Internal Bus
SBUF
Zero Detector
D
Q
S
CL
Write
to
SBUF
TX Control
TX Clock
Send
Shift
Start
S6
RX Control
Start
Shift
Receive
RX Clock
T1
R1
Serial
Port
Interrupt
1
1
1
1
1
1
1
0
Input Shift Register
REN
RI
Load
SBUF
Shift
Shift
Clock
RxD
P3.0 Alt
Output
Function
TxD
P3.1 Alt
Output
Function
SBUF
Read
SBUF
80C51 Internal Bus
RxD
P3.0 Alt
Input
Function
Write to SBUF
S6P2
Send
Shift
RxD (Data Out)
D0
D1
D2
D3
D4
D5
D6
D7
Transmit
TxD (Shift Clock)
TI
S3P1
S6P1
Write to SCON (Clear RI)
RI
Receive
Shift
RxD (Data In)
D0
D1
D2
D3
D4
D5
D6
TxD (Shift Clock)
S5P2
Receive
D7
ALE
S4 . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
S6
. . . .
S1
SU00539
LSB
LSB
MSB
MSB
Figure 14. Serial Port Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com