Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # 80C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 46Page - NXP Semiconductors 80C52 Datasheet HTML 47Page - NXP Semiconductors 80C52 Datasheet HTML 48Page - NXP Semiconductors 80C52 Datasheet HTML 49Page - NXP Semiconductors 80C52 Datasheet HTML 50Page - NXP Semiconductors 80C52 Datasheet HTML 51Page - NXP Semiconductors 80C52 Datasheet HTML 52Page - NXP Semiconductors 80C52 Datasheet HTML 53Page - NXP Semiconductors 80C52 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
Philips Semiconductors
Product data
P80C3xX2; P80C5xX2;
P87C5xX2
80C51 8-bit microcontroller family
4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V),
low power, high speed (30/33 MHz)
2003 Jan 24
50
Table 9. EPROM Programming Modes
MODE
RST
PSEN
ALE/PROG
EA/VPP
P2.7
P2.6
P3.7
P3.6
P3.3
Read signature
1
0
1
1
0
0
0
0
X
Program code data
1
0
0*
VPP
1
0
1
1
X
Verify code data
1
0
1
1
0
0
1
1
X
Pgm encryption table
1
0
0*
VPP
1
0
1
0
X
Pgm security bit 1
1
0
0*
VPP
1
1
1
1
X
Pgm security bit 2
1
0
0*
VPP
1
1
0
0
X
Pgm security bit 3
1
0
0*
VPP
0
1
0
1
X
Program to 6-clock mode
1
0
0*
VPP
0
0
1
0
0
Verify 6-clock4
1
0
1
1
e
0
0
1
1
Verify security bits5
1
0
1
1
e
0
1
0
X
NOTES:
1. ‘0’ = Valid low for that pin, ‘1’ = valid high for that pin.
2. VPP = 12.75 V ±0.25 V.
3. VCC = 5 V±10% during programming and verification.
4. Bit is output on P0.4 (1 = 12x, 0 = 6x).
5. Security bit one is output on P0.7.
Security bit two is output on P0.6.
Security bit three is output on P0.3.
*
ALE/PROG receives 5 programming pulses for code data (also for user array; 5 pulses for encryption or security bits) while VPP is held at
12.75 V. Each programming pulse is low for 100
µs (±10 µs) and high for a minimum of 10 µs.
Table 10. Program Security Bits for EPROM Devices
PROGRAM LOCK BITS1, 2
SB1
SB2
SB3
PROTECTION DESCRIPTION
1
U
U
U
No Program Security features enabled. (Code verify will still be encrypted by the Encryption Array if
programmed.)
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching code bytes
from internal memory, EA is sampled and latched on Reset, and further programming of the EPROM
is disabled.
3
P
P
U
Same as 2, also verify is disabled.
4
P
P
P
Same as 3, external execution is disabled. Internal data RAM is not accessible.
NOTES:
1. P – programmed. U – unprogrammed.
2. Any other combination of the security bits is not defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com